Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1507 Datasheet(PDF) 3 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 3 Page - ams AG

  AS1507 Datasheet HTML 1Page - ams AG AS1507 Datasheet HTML 2Page - ams AG AS1507 Datasheet HTML 3Page - ams AG AS1507 Datasheet HTML 4Page - ams AG AS1507 Datasheet HTML 5Page - ams AG AS1507 Datasheet HTML 6Page - ams AG AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 17
AS1507
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to GND
-0.3
+7.0
V
All Other Pins to GND
-0.3
VDD +
0.3
V
Maximum Continuous Current into
Pins HIGH, WIPER, and LOW
AS1507-10
+1
mA
AS1507-50
+1
AS1507-100
+1
Electrostatic Discharge
1
kV
HBM MIL-Std. 883E 3015.7 methods
Latch-Up
1
1. The maximum rating voltage must not be exceeded during Latch-up test of the device.
-100
100
mA
JEDEC 78
Thermal Resistance
ΘJA
48
ºC/W
on PCB
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-60
+150
ºC
Junction Temperature
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification
for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com