Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1507 Datasheet(PDF) 14 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 14 Page - ams AG

Back Button AS1507 Datasheet HTML 9Page - ams AG AS1507 Datasheet HTML 10Page - ams AG AS1507 Datasheet HTML 11Page - ams AG AS1507 Datasheet HTML 12Page - ams AG AS1507 Datasheet HTML 13Page - ams AG AS1507 Datasheet HTML 14Page - ams AG AS1507 Datasheet HTML 15Page - ams AG AS1507 Datasheet HTML 16Page - ams AG AS1507 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 17
AS1507
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Positive LCD Bias Control
The device can be used in applications where a voltage-divider or variable resistor is used to make an adjustable, pos-
itive LCD-bias voltage, such as for the AS1120 LCD Driver. The op amp provides buffering and gain to the resistor-
divider network made by the potentiometer (Figure 27) or to a fixed resistor and a variable resistor (Figure 28).
Figure 27. Positive LCD Bias Control using a Voltage Divider
Figure 28. Positive LCD Bias Control using a Variable Resistor
Adjustable Voltage Reference
Figure 29 shows the device used as the feedback resistor in an adjustable voltage-reference application. Output volt-
ages of external voltage references, supervisory reset thresholds, or LED brightness control can be independently
adjusted by changing the wiper position of the AS1507.
Figure 29. Adjustable Voltage Reference Circuit – VOUT = 1.23V(50k
Ω/R2(kΩ)
+
–
5V
VOUT
HIGH
WIPER
LOW
30V
AS1507
+
–
5V
VOUT
HIGH
WIPER
LOW
30V
AS1507
5V
HIGHA
WIPERA
LOWA
VIN
OUT
ADJ
VOUTREF1
AS1507
HIGHB
WIPERB
LOWB
VIN
OUT
ADJ
VOUTREF
AS1507



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com