Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1507 Datasheet(PDF) 2 Page - ams AG

Part # AS1507
Description  Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1507 Datasheet(HTML) 2 Page - ams AG

  AS1507 Datasheet HTML 1Page - ams AG AS1507 Datasheet HTML 2Page - ams AG AS1507 Datasheet HTML 3Page - ams AG AS1507 Datasheet HTML 4Page - ams AG AS1507 Datasheet HTML 5Page - ams AG AS1507 Datasheet HTML 6Page - ams AG AS1507 Datasheet HTML 7Page - ams AG AS1507 Datasheet HTML 8Page - ams AG AS1507 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.austriamicrosystems.com
Revision 1.00
2 - 17
AS1507
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1VDD
2.5 to 5.5V Supply Voltage. Bypass with a 0.1µF capacitor to GND.
2SCLK
Serial Clock Input
3SDIO
Serial Data Input
4CSN
Active-Low Chip Select
5, 6, 8
NC
Not Connected
7
GND
Ground
9
READY
EEPROM Ready. Active-Low indicates an ongoing write operation in the EEPROM.
10
LOW B
Low Terminal of Resistor B. The voltage at this pin can be greater than or less
than the voltage at pin HIGH. Current can flow into or out of this pin.
11
WIPER B
Wiper Terminal for Resistor B
12
HIGH B
High Terminal of Resistor B. The voltage at this pin can be greater than or less
than the voltage at pin LOW. Current can flow into or out of this pin.
13
LOW A
Low Terminal of Resistor A. The voltage at this pin can be greater than or less
than the voltage at pin HIGH. Current can flow into or out of this pin.
14
WIPER A
Wiper Terminal for Resistor A
15
HIGH A
High Terminal of Resistor A. The voltage at this pin can be greater than or less
than the voltage at pin LOW. Current can flow into or out of this pin.
16
MUTE
Mute. Both wiper registers are asynchronously set to zero. Data stored in the
EEPROM is not affected. Active-High signal. Internal pull-down resistor. Can be left
unconnected if not used.
N/A
Exposed Pad
The exposed pad is not internally connected. Connect to GND or leave floating.
3
SDIO
2
SCLK
1
VDD
10 LOW B
11 WIPER B
12 HIGH B
AS1507
4
CSN
9 READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com