Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 12 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 12 Page - ams AG

Back Button AS1528 Datasheet HTML 8Page - ams AG AS1528 Datasheet HTML 9Page - ams AG AS1528 Datasheet HTML 10Page - ams AG AS1528 Datasheet HTML 11Page - ams AG AS1528 Datasheet HTML 12Page - ams AG AS1528 Datasheet HTML 13Page - ams AG AS1528 Datasheet HTML 14Page - ams AG AS1528 Datasheet HTML 15Page - ams AG AS1528 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
www.austriamicrosystems.com
Revision 1.02
12 - 21
AS1528/AS1529
Datasheet - D e t a i l e d D e s c r i p t i o n
Input Bandwidth
The AS1528/AS1529 input tracking circuitry has a 20MHz small signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals with bandwidths exceeding the AS1528/AS1529 sampling rate
by using undersampling techniques.
Note: To avoid high-frequency signals being aliased into the frequency band of interest, anti-alias filtering is recom-
mended.
Analog Input Protection
Internal protection diodes that clamp the analog input to VDD and GND allow the analog input pins to swing from GND
- 0.3V to VDD + 0.3V without damage. Both inputs must not exceed VDD by more than 50mV or be lower than GND by
more than 50mV for accurate conversions.
Note: If an off-channel analog input voltage exceeds the supply voltages, the input current should be limited to 2mA.
Internal Clock
The AS1528/AS1529 operate from an internal clock, which is accurate within 5% of the 4MHz clock rate. This results in
a worst-case conversion time of 3.7µs. The internal clock releases the system microprocessor from running the SAR
conversion clock and allows the conversion results to be read back at the processor’s convenience, at any clock rate
from 0 to 8MHz.
Output Data Format
Figure 18 on page 11 and Figure 19 on page 11 illustrate the conversion timing for the AS1528/AS1529. The 10-bit
conversion result is output in MSB-first format. Data on DOUT transitions on the falling edge of SCLK. All 10 bits must
be clocked out before CNVST transitions again.
For the AS1528, data is straight binary for unipolar mode and two’s complement for bipolar mode. For the AS1529,
data is always straight binary.
Transfer Function
Figure 20 on page 12 shows the unipolar transfer function for the AS1528/AS1529. Figure 21 on page 13 shows the
bipolar transfer function for the AS1528. Code transitions occur halfway between successive-integer LSB values.
Figure 20. AS1528/AS1529 Unipolar Transfer Function
11...111
11...110
11....101
00...011
00...010
00...001
00...000
Input Voltage (LSB)
0
1
2
3
FS-3/2 LSB FS
Full-Scale
Transition
Full Scale = VREF
Zero Scale = GND
1 LSB = VREF/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com