Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 1 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 1 Page - ams AG

  AS1528 Datasheet HTML 1Page - ams AG AS1528 Datasheet HTML 2Page - ams AG AS1528 Datasheet HTML 3Page - ams AG AS1528 Datasheet HTML 4Page - ams AG AS1528 Datasheet HTML 5Page - ams AG AS1528 Datasheet HTML 6Page - ams AG AS1528 Datasheet HTML 7Page - ams AG AS1528 Datasheet HTML 8Page - ams AG AS1528 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AS1528/AS1529
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended
or Differential
www.austriamicrosystems.com
Revision 1.02
1 - 21
Datasheet
1 General Description
The AS1528/AS1529 are low-power, 10-bit analog-to-
digital converters (ADCs) designed to operate with a sin-
gle +2.7V to +5.25V supply. Excellent dynamic perfor-
mance, low power consumption, and simplicity make
these devices perfect for portable battery-powered data-
acquisition applications.
The devices are available as the standard products
listed in Table 1.
The devices feature a successive-approximation regis-
ter (SAR), automatic shutdown, fast wakeup (1.4µs),
and low-power consumption at the maximum sampling
rate of 150ksps.
Automatic shutdown (0.2µA) between conversions
results in reduced power consumption (at slower
throughput rates).
Data access are made via an external clock through the
SPI-/QSPI-/MICROWIRE-compatible 3-wire high-speed
serial interface.
The AS1529/AS1528 are available in a 8-pin TDFN
(3x3mm) package.
Figure 1. AS1528/AS1529 - Block Diagram
2 Key Features
!
Single-Supply Operation: +2.7V to +5.25V
!
Automatic Shutdown Between Conversions
!
Low Power Consumption
- 350µA @ 150ksps
- 245µA @ 100ksps
-24µA @ 10ksps
- 2.5µA @ 1ksps
- 200nA in Automatic Shutdown Mode
!
True-Differential Track/Hold, 150kHz Sampling Rate
Software-Configurable Unipolar/Bipolar Conversion
(AS1528)
!
Input Common Mode Range from GND to VDD
!
3-Wire SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
!
Internal Conversion Clock
!
8-pin TDFN (3x3mm) Package
3 Applications
The devices are ideal for remote sensors, data-acquisi-
tion, data logging devices, lab instruments, or for any
other space-limited A/D devices with low power con-
sumption and single-supply requirements.
Table 1. Standard Products
Model
Input Type
Input Voltage
AS1528
1-Channel, Pseudo /
True-Differential
0 to VREF /
-VREF/2 to VREF/2
AS1529
2-Channel, Single-
Ended
0 to VREF
AS1528/AS1529
Control
Logic
Input
Shift
Register
Osc
Track/
Hold
6
DOUT
5
GND
1
VDD
7
CNVST
8
SCLK
4
REF
10-Bit
SAR
2
AIN1/AIN+
2
AIN2/AIN-


Similar Part No. - AS1528

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1528 AMSCO-AS1528 Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDR AMSCO-AS1528-BTDR Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
AS1528-BTDT AMSCO-AS1528-BTDT Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
More results

Similar Description - AS1528

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
logo
ams AG
AS1524 AMSCO-AS1524 Datasheet
68Kb / 2P
Micro-Power, 12-Bit, 150ksps, ADC, Single Ended or Differential
AS1528 AMSCO-AS1528 Datasheet
544Kb / 21P
Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Texas Instruments
ADC141S628-Q1 TI1-ADC141S628-Q1 Datasheet
992Kb / 29P
14-Bit, 200-kSPS, Pseudo-Differential, Micro-Power ADC
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com