Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 6 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 6 Page - ams AG

Back Button AS1528 Datasheet HTML 2Page - ams AG AS1528 Datasheet HTML 3Page - ams AG AS1528 Datasheet HTML 4Page - ams AG AS1528 Datasheet HTML 5Page - ams AG AS1528 Datasheet HTML 6Page - ams AG AS1528 Datasheet HTML 7Page - ams AG AS1528 Datasheet HTML 8Page - ams AG AS1528 Datasheet HTML 9Page - ams AG AS1528 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 21
AS1528/AS1529
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Digital Inputs/Outputs (CNVST, SCLK, DOUT)
VIL
Input Low Voltage
0.3VDD
V
VIH
Input High Voltage
0.7VDD
V
ILEAK
Input Leakage Current
±0.01
±1.0
µA
CIN
Input Capacitance
15
pF
VOL
Output Low Voltage
ISINK = 2mA
0.4
V
ISINK = 4mA
0.8
VOH
Output High Voltage
ISOURCE = 1.5mA
0.7VDD
V
Tri-State Leakage Current
CNVST = GND
±0.05
±5
µA
Tri-State Output Capacitance
CNVST = GND
15
pF
Power Requirements
VDD
Positive Supply Voltage
2.7
5.25
V
IDD
Positive Supply Current
VDD = +3V, fSAMPLE = 150ksps
350
400
µA
VDD = +3V, fSAMPLE = 100ksps
245
VDD = +3V, fSAMPLE = 10ksps
24
VDD = +3V, fSAMPLE = 1ksps
2.5
VDD = +5V, fSAMPLE = 150ksps
485
550
VDD = +5V, fSAMPLE = 100ksps
330
VDD = +5V, fSAMPLE = 10ksps
33
VDD = +5V, fSAMPLE = 1ksps
3.7
Automatic Shutdown Mode
0.2
1
PSR
Power Supply Rejection
VDD = +5V ±5%, Full Scale Input
±0.3
mV
VDD = +2.7V to 3.6V, Full Scale Input
±0.4
1. Offset nulled.
2. The absolute input voltage range for the analog inputs is from GND to VDD.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com