Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1528 Datasheet(PDF) 5 Page - ams AG

Part # AS1528
Description  Micro-Power, 10-Bit, 150ksps, ADC, Single Ended or Differential
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1528 Datasheet(HTML) 5 Page - ams AG

  AS1528 Datasheet HTML 1Page - ams AG AS1528 Datasheet HTML 2Page - ams AG AS1528 Datasheet HTML 3Page - ams AG AS1528 Datasheet HTML 4Page - ams AG AS1528 Datasheet HTML 5Page - ams AG AS1528 Datasheet HTML 6Page - ams AG AS1528 Datasheet HTML 7Page - ams AG AS1528 Datasheet HTML 8Page - ams AG AS1528 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 21
AS1528/AS1529
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = +2.7 to +5.25V, VREF = +2.5V, 4.7µF Capacitor at REF; fSCLK = 8MHz (50% Duty Cycle); AIN- = GND (AS1528)
TAMB = TMIN to TMAX (unless otherwise specified). Typical Values at TAMB = +25ºC. Unipolar Mode (AS1528).
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
DC Accuracy
Resolution
10
Bits
INL
Relative Accuracy
±0.275
LSB
DNL
Differential Non-Lineraity
No Missing Codes Over Temperature
±0.275
LSB
Offset Error
±0.25
±2
LSB
Gain Error
1
±0.25
±2
LSB
Gain Temp Coefficient
±0.3
ppm/ºC
Offset Temp Coefficient
±0.3
ppm/ºC
Channel-to-Channel Offset
Match
±0.025
LSB
Channel-to-Channel Gain
Match
±0.025
LSB
Dynamic Specifications – (fIN (sinewave) = 10kHz, VIN = 2.5VP-P, 150ksps, fSCLK = 8MHz (50% duty cycle), AIN- =
GND (AS1528)
SINAD
Signal-to-Noise Plus Distortion
61.5
dB
THD
Total Harmonic Distortion (to
the 5th Harmonic)
-79.5
dB
SFDR
Spurious-Free Dynamic Range
84
dB
Full Power Bandwidth
-3dB Point
20
MHz
Full Linear Bandwidth
-0.1dB Point
400
kHz
Conversion Rate
tCONV
Conversion Time
Exclusive of tACQ
3.3
3.7
µs
tACQ
Track/Hold Acquisition Time
1.4
µs
Aperture Delay
30
ns
fSCLK
Max Serial Clock Frequency
8
MHz
Serial Clock Duty Cycle
30
70
%
Analog Input
VIN Range
2
Unipolar
0
VREF
V
Bipolar
-VREF/2
VREF/2
Input Leakage Current
No Channel Selected or Conversion
Halted
±0.01
±1
µA
Input Capacitance
Track Mode
20
pF
Hold Mode
5
pF
External Reference Input
VREF
VIN Range
1.0
VDD +
50mV
V
IREF
Input Current
VREF = +2.5V @ 150ksps
11
25
µA
VREF = +4.096V @ 150ksps
19
Acquisition Between Conversions
0
+2
+5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com