Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530-T Datasheet(PDF) 15 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 15 Page - ams AG

Back Button AS1530-T Datasheet HTML 11Page - ams AG AS1530-T Datasheet HTML 12Page - ams AG AS1530-T Datasheet HTML 13Page - ams AG AS1530-T Datasheet HTML 14Page - ams AG AS1530-T Datasheet HTML 15Page - ams AG AS1530-T Datasheet HTML 16Page - ams AG AS1530-T Datasheet HTML 17Page - ams AG AS1530-T Datasheet HTML 18Page - ams AG AS1530-T Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
15 - 29
AS1530/AS1531
Data Sheet - Deta iled Description
Control Register
The control register on the AS1530/AS1531 is a 8-bit, write-only register. Data is written to this register using the CSN,
DIN and SCLK pins. The control register format is shown in Table 7 and the function of the bits are defined in Table 8.
The AS1530/AS1531 operating modes are selected by sending an 8-bit data word to the internal shift register via pin
DIN. After pin CSN is pulled low, the first logic 1 on pin DIN is interpreted as a start bit. A start bit is defined as one of
the following:
!
The first logic 1 bit clocked into pin DIN (with CSN low) any time the AS1530/AS1531 is idle, e.g., after VDD1 and
VDD2 are applied.
!
The first logic 1 bit clocked into pin DIN after bit 6 of a conversion in progress is clocked out of pin DOUT.
Figure 22 on page 17 shows the serial-interface timing necessary to perform a conversion every 16 SCLK cycles. If
CSN is tied low and SCLK is continuous, guarantee a start bit by first clocking in sixteen 0s. The fastest speed at which
the devices can operate is 16 clocks per conversion (with CSN held low between conversions).
Analog Input Configuration
Table 7. Control Byte Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
START (MSB)
SEL2
SEL1
SEL0
RANGE
MODE
PD1
PD0 (LSB)
Table 8. Bit Descriptions
Bit
Name
Description
7
START
The first logic 1 bit after CSN goes low signifies the start of a control byte.
6:4
SEL2:SEL0
These three bits select which of the eight channels and pin COM are used for
the conversion (see Table 10 and Table 11).
3
RANGE
This bit selects the analog input range of the AS1530/AS1531.
0 = The analog input range extends from -VREF/2 to +VREF/2.
1= The analog input range extends from 0V to VREF.
2
MODE
This bit in conjunction with bit RANGE changes the analog input configuration.
0 = The voltage difference between two selectable channels is converted. This
setting selects two's complement coding (see Table 10 on page 16 and
Table 11 on page 16).
1 = One of the eight input channels is referenced to COM. This setting also
selects binary coding.
1:0
PD1:PD0
Selects the AS1530/AS1531 operating mode:
PD1
PD0
Mode
0
0
Full power-down mode.
0
1
Reduced-power mode.
1
0
Reduced-power mode.
1
1
Normal operation.
Table 9. Analog Input Configuration
Analog Input Configuration
Mode
Range
Coding
Comments
8-Channel Single-Ended
1
1
Binary
AIN+ from 0 to VREF.
COM should be tied to GND.
8-Channel Pseudo Differential
referenced to COM
1
1
Binary
AIN+ from COM to COM + VREF
8-Channel Pseudo Differential
referenced to COM
1
0
Binary
AIN+ from -VREF/2+COM to + VREF/2+COM
4-Channel Pseudo Differential
0
1
Two's Complement
AIN+ - AIN- from 0 to VREF
4-Channel Pseudo Differential
0
0
Two's Complement
AIN+ - AIN- from -VREF/2 to +VREF/2
4-Channel Fully Differential
0
0
Two's Complement
AIN+ - AIN- from -VREF/2 to +VREF/2,
fully differential input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com