Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530-T Datasheet(PDF) 22 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 22 Page - ams AG

Back Button AS1530-T Datasheet HTML 18Page - ams AG AS1530-T Datasheet HTML 19Page - ams AG AS1530-T Datasheet HTML 20Page - ams AG AS1530-T Datasheet HTML 21Page - ams AG AS1530-T Datasheet HTML 22Page - ams AG AS1530-T Datasheet HTML 23Page - ams AG AS1530-T Datasheet HTML 24Page - ams AG AS1530-T Datasheet HTML 25Page - ams AG AS1530-T Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
22 - 29
AS1530/AS1531
Data Sheet - Deta iled Description
Additionally the bandgap voltage can be adjusted about ±100mV by forcing a voltage to the REFADJ pin. The REFADJ
input impedance is typically 17k
Ω. Figure 32 shows a possible arrangement.
Figure 32. Reference Adjust Circuit
External Reference
An external reference can be connected directly at pin REF. To use the external reference, the internal buffer must be
disabled by connecting pin REFADJ to pin VDD. The input resistance is typically 15k
Ω.
During conversion, an external reference at pin REF must deliver up to 350µA DC load current and have 10
Ω or less
output impedance. If the reference has a higher output impedance or is noisy, bypass it with a 4.7µF capacitor placed
as close to pin REF as possible.
Note:
Using the REFADJ input makes buffering the external reference unnecessary.
CLOAD
0.01µF
GND
100k
Ω
DGND
24k
Ω
510k
Ω
+3.3V
12
REFADJ
AS1530/
AS1531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com