Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530-T Datasheet(PDF) 25 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 25 Page - ams AG

Back Button AS1530-T Datasheet HTML 21Page - ams AG AS1530-T Datasheet HTML 22Page - ams AG AS1530-T Datasheet HTML 23Page - ams AG AS1530-T Datasheet HTML 24Page - ams AG AS1530-T Datasheet HTML 25Page - ams AG AS1530-T Datasheet HTML 26Page - ams AG AS1530-T Datasheet HTML 27Page - ams AG AS1530-T Datasheet HTML 28Page - ams AG AS1530-T Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
25 - 29
AS1530/AS1531
Data Sheet - Ap p lica tio n In fo r m a tio n
Quick Evaluation Circuit
In order to quickly evaluate the analog performance of the AS1530/AS1531, use the circuit shown in Figure 35.
Figure 35. Evaluation Circuit Diagram
Connecting DIN to VDD2 shifts in control bytes of $FFh, which trigger single-ended conversions (bit RANGE (page 15)
= 1) on CH7 without powering down between conversions. The SSTRB output pulses high for one clock period before
the MSB of the 12-bit conversion result is shifted out of DOUT. Varying the analog input to CH7 will alter the sequence
of bits from DOUT. A total of 16 clock cycles is required per conversion.
Note:
All SSTRB and DOUT output transitions occur 25ns (typ) after the rising edge of SCLK.
+2.5V
Analog
Input
0.1µF
12
REFADJ
11
REF
4.7µF
13
GND
17
CSN
14
DOUT
15
SSTRB
18
SCLK
16
DIN
0.1µF
To
VDD2
0.1µF
10µF
+3 or
+5V
External
Clock
8
CH7
AS1530/
AS1531
TBA
20
VDD1
19
VDD2
10
VDD3
9
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com