Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1530-T Datasheet(PDF) 3 Page - ams AG

Part # AS1530-T
Description  12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1530-T Datasheet(HTML) 3 Page - ams AG

  AS1530-T Datasheet HTML 1Page - ams AG AS1530-T Datasheet HTML 2Page - ams AG AS1530-T Datasheet HTML 3Page - ams AG AS1530-T Datasheet HTML 4Page - ams AG AS1530-T Datasheet HTML 5Page - ams AG AS1530-T Datasheet HTML 6Page - ams AG AS1530-T Datasheet HTML 7Page - ams AG AS1530-T Datasheet HTML 8Page - ams AG AS1530-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.austriamicrosystems.com
Revision 1.02
3 - 29
AS1530/AS1531
Data Sheet - Pi nout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1:8
CH0:CH7
Analog Sampling Inputs. These eight pins serve as analog sampling inputs.
9COM
Common Analog Inputs. Tie this pin to ground in single-ended mode.
10
VDD3
Positive Supply Voltage
11
REF
Reference-Buffer Output/A/DC Reference Input. This pin serves as the reference
voltage for analog-to-digital conversions. In internal reference mode, the reference
buffer provides a +2.50V nominal output, externally adjustable at pin REFADJ. In
external reference mode, disable the internal buffer by pulling pin REFADJ to VDD1.
12
REFADJ
Reference-Buffer Amplifier Input. To disable the reference-buffer amplifier, tie this
pin to VDD1.
13
GND
Analog and Digital Ground
14
DOUT
Serial Data Output. Data is clocked out at the rising edge of pin SCLK. DOUT is high
impedance when CSN is high.
15
SSTRB
Serial Strobe Output. SSTRB pulses high for one clock period before the MSB is
clocked out. SSTRB is high impedance when CSN is high.
16
DIN
Serial Data Input. Data is clocked in at the rising edge of SCLK.
17
CSN
Active-Low Chip Select. Data will not be clocked into pin DIN unless CSN is low.
When CSN is high, pins DOUT and SSTRB are high impedance.
18
SCLK
Serial Clock Input. This pin clocks data into and out of the serial interface, and is used
to set the conversion speed.
Note: The duty cycle must be between 40 and 60%.
19
VDD2
Positive Supply Voltage
20
VDD1
Positive Supply Voltage
AS1530/
AS1531
1
CH0
2
CH1
3
CH2
4
CH3
5
CH4
6
CH5
7
CH6
8
CH7
9
COM
10
VDD3
20 VDD1
19 VDD2
18 SCLK
17 CSN
16 DIN
15 SSTRB
14 DOUT
13 GND
12 REFADJ
11 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com