Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2192 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2192
Description  24-26.5GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2192 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2192 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
24-26.5GHz Low Noise Amplifier
CHA2192
Ref. : DSCHA21928155
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On Wafer Scattering Parameters and Noise Figure
Bias Conditions : Vd = +3.5V, Id = 40 mA
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
NF
1
-0,11
-15,4
-73,89
58,1
-30,22
153,9
-0,46
-24,8
2
-0,14
-30,7
-74,53
35,2
-32,18
112,1
-1,19
-48,2
3
-0,15
-45,8
-70,24
3,8
-36,24
88,2
-2,30
-68,3
4
-0,18
-61,2
-81,19
41,8
-48,79
92,5
-3,30
-86,2
5
-0,22
-76,4
-73,30
31,0
-36,60
-160,2
-4,78
-104,3
6
-0,26
-92,1
-59,10
-38,8
-25,44
11,8
-5,35
-103,2
7
-0,33
-107,7
-66,55
-77,6
-17,39
-49,1
-5,98
-124,0
8
-0,42
-124,1
-62,12
-115,8
-7,82
-73,1
-7,15
-138,5
9
-0,62
-140,9
-60,15
172,5
1,09
-105,1
-9,06
-150,3
10
-0,86
-157,3
-54,22
112,5
7,90
-151,2
-11,46
-151,2
11
-0,79
-175,1
-49,02
44,8
11,29
162,0
-11,65
-145,7
12
-0,72
162,9
-45,15
10,1
13,12
126,0
-11,54
-150,2
13
-0,92
136,4
-41,76
-22,0
14,80
96,0
-11,99
-154,2
14
-1,52
104,7
-38,85
-49,6
16,38
67,0
-12,57
-155,9
15
-2,68
67,2
-36,59
-75,1
17,54
37,5
-12,53
-156,1
16
-4,24
24,8
-34,81
-99,7
18,09
8,7
-12,65
-158,0
2,45
17
-5,70
-19,6
-33,78
-121,4
18,21
-17,0
-11,76
-161,0
2,41
18
-6,70
-59,7
-33,16
-140,0
17,92
-40,7
-12,19
-167,8
2,36
19
-7,06
-92,2
-32,74
-154,3
17,56
-60,8
-12,76
-174,9
2,08
20
-7,30
-117,7
-32,23
-167,8
17,23
-78,9
-13,95
-174,2
1,79
21
-7,86
-138,8
-31,82
-179,5
16,98
-96,5
-15,34
-178,3
1,72
22
-8,82
-155,5
-31,31
172,5
16,66
-113,0
-16,56
-162,6
1,66
23
-10,02
-165,5
-30,23
161,5
16,42
-128,7
-16,82
-160,7
1,64
24
-11,19
-168,9
-29,72
150,2
16,20
-144,6
-16,08
-144,0
1,63
25
-11,90
-168,4
-29,12
139,6
15,88
-160,2
-16,06
-138,8
1,56
26
-11,60
-163,0
-28,62
128,6
15,51
-175,2
-14,23
-130,9
1,49
27
-10,37
-161,7
-28,30
117,8
15,14
170,0
-13,06
-130,4
1,60
28
-8,73
-165,0
-28,02
106,9
14,66
155,1
-11,23
-127,6
1,58
29
-7,20
-172,1
-27,90
96,6
14,11
140,7
-10,29
-131,8
1,65
30
-6,30
179,4
-27,92
87,0
13,48
127,2
-9,22
-134,4
1,44
31
-5,14
169,7
-27,87
78,6
12,82
113,8
-8,51
-140,7
1,80
32
-4,39
159,2
-27,95
67,9
12,10
100,8
-7,82
-140,5
1,56
33
-3,68
148,6
-28,04
59,8
11,34
88,0
-7,48
-148,2
1,67
34
-3,28
138,2
-28,28
51,7
10,44
76,1
-6,85
-148,1
1,73
35
-2,83
127,8
-28,28
42,5
9,56
64,1
-6,58
-156,0
1,92
36
-2,55
118,2
-28,51
34,7
8,63
53,4
-6,37
-155,3
2,17
37
-2,20
108,3
-29,15
26,3
7,70
43,1
-6,16
-161,7
38
-1,94
98,5
-29,22
21,9
6,75
33,5
-6,17
-161,3
39
-1,89
89,3
-29,80
13,5
5,76
24,0
-5,73
-167,2
40
-1,54
80,2
-30,02
10,8
4,94
14,9
-6,01
-167,7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com