Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2192 Datasheet (PDF) - United Monolithic Semiconductors

CHA2192 Datasheet PDF - United Monolithic Semiconductors
Part # CHA2192
Download  CHA2192 Download
File Size   92.63 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 24-26.5GHz Low Noise Amplifier

CHA2192 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA2192 Datasheet PDF - United Monolithic Semiconductors

Part # CHA2192
Download  CHA2192 Click to download

File Size   92.63 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 24-26.5GHz Low Noise Amplifier

CHA2192 Datasheet (HTML) - United Monolithic Semiconductors


CHA2192 Product details

Description

The CHA2192 is a two stages low noise amplifier. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

The circuit is manufactured with a HEMT process, 0.25µm gate length, via holes through the substrate, air bridges and electron beam gate lithography.

It is available in chip form.



Main Features

■ 1.8 dB noise figure

■ 15 dB ± 1dB gain

■ 10 dBm output power

■ Very good broadband input matching

■ DC power consumption, 40mA @ 3.5V

■ Chip size : 1.67 x 0.97 x 0.10 mm



 




Similar Part No. - CHA2192

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2190 UMS-CHA2190 Datasheet
163Kb / 9P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190 Datasheet
185Kb / 8P
20-30GHz Low Noise Amplifier
CHA2190-99F/00 UMS-CHA2190-99F/00 Datasheet
163Kb / 9P
20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
20-30GHz Low Noise Amplifier
More results


Similar Description - CHA2192

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5295 UMS-CHA5295 Datasheet
155Kb / 8P
24.5-26.5GHz High Power Amplifier
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
20-24 GHz Low Noise Amplifier
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC262 HITTITE-HMC262 Datasheet
120Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 15 - 24 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
United Monolithic Semic...
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
21-26.5GHz Medium Power Amplifier
CHA2293 UMS-CHA2293_07 Datasheet
276Kb / 7P
24-30GHz Low Noise, Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
United Monolithic Semic...
CHA2293 UMS-CHA2293_15 Datasheet
190Kb / 6P
24-30GHz Low Noise, Variable Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com