Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2192 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2192
Description  24-26.5GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2192 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2192 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHA2192
24-26.5GHz Low Noise Amplifier
Ref. : DSCHA21928155
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on Wafer Measurements
Bias conditions: Vd=3.5V, Id= 40mA
-20,00
-15,00
-10,00
-5,00
0,00
5,00
10,00
15,00
20,00
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Frequency ( GHz )
NF
Gain
dBS11
dBS22
Typical Bias Tuning for Low Noise Operation
For low noise operation, a separate access to the gate voltages of the input stage ( Vgs1 ) and of the
output stage ( Vgs2 ) is provided.
Nominal bias for low noise operation is obtained for a typical current of 20 mA for the output stage and
10 mA for the input stage ( 30 mA for the amplifier ).
The first step to bias the amplifier is to tune the Vgs1 = -1V, and Vgs2 to drive 20 mA for the full
amplifier. Then Vgs1 is reduced to obtain 30 mA of current through the amplifier.
A fine tuning of the noise figure may be obtained by modifying the Vgs1 bias voltage, but keeping the
previous value for Vgs2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com