Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2192 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2192
Description  24-26.5GHz Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2192 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2192 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2192 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHA2192
24-26.5GHz Low Noise Amplifier
Ref. : DSCHA21928155
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
24
26.5
GHz
G
Small signal gain (1)
14
15
dB
∆G
Small signal gain flatness (1)
±1.0
dB
Is
Reverse isolation (1)
30
dB
NF
Noise figure
1.8
2.0
dB
P1dB
Pulsed output power at 1dB compression (1)
8
10
dBm
VSWRin
Input VSWR (1)
2.0:1
VSWRout
Output VSWR (1)
2.0:1
Id
Bias current
40
60
mA
(1) These values are representative for pulsed on-wafer measurements that are made without
bonding wires at the RF ports.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.0
V
Id
Drain bias current
150
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com