Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 13 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 13 Page - ams AG

Back Button AS5030 Datasheet HTML 9Page - ams AG AS5030 Datasheet HTML 10Page - ams AG AS5030 Datasheet HTML 11Page - ams AG AS5030 Datasheet HTML 12Page - ams AG AS5030 Datasheet HTML 13Page - ams AG AS5030 Datasheet HTML 14Page - ams AG AS5030 Datasheet HTML 15Page - ams AG AS5030 Datasheet HTML 16Page - ams AG AS5030 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 13 of 33
4.19 Analog Output
This configuration is similar to the PWM connection (only three
lines including supply are required). With the addition of a lowpass
filter at the PWM output, this configuration produces an analog
voltage that is proportional to the angle.
This filter can be either passive (as shown) or active. The lower
the bandwidth of the filter, the less ripple of the analog output can
be achieved.
If the AS5030 angular data is invalid, the PWM output will remain
at low state and thus the analog output will be 0V. Pins that are
not shown may be left open.
Note that the PWM output is invalid when the AGC is disabled
(see 5.2.2).
Figure 14: Data transmission with pulse width modulated (PWM) output
Figure 15: Relation of PWM/Analog output with angle
4.20 Analog Sin/Cos outputs with external interpolator
By connecting C1 to VDD, the AS5030 provides analog
Sine and Cosine outputs (Sin, Cos) of the Hall array
front-end for test purposes. These outputs allow the user
to perform the angle calculation by an external ADC +
µC, e.g. to compute the angle with a high resolution.
In addition, the inverted Sine and Cosine signals (Sinn,
Cosn; see dotted lines) are available for differential
signal transmission.
The input resistance of the receiving amplifier or ADC
should be greater than 100kΩ. The signal lines should be
kept as short as possible, longer lines should be shielded
in order to achieve best noise performance.
Figure 16: Sine and Cosine outputs for external angle calculation
The SIN / COS / SINn / COSn signals are amplitude controlled to ~1.3Vp (differential) by the internal AGC controller. The DC
bias voltage is 2.25 V.
If the SIN(n)- and COS(n)- outputs cannot be sampled simultaneously, it is recommended to disable the automatic gain control
(see 5.2.2) as the signal amplitudes may be changing between two readings of the external ADC. This may lead to less accurate
results.
AS5030
100n
CS
PWM
+5V
VDD
VSS
C2
VDD
13
11
16
15
C1
VSS
3
14
>=4k7
>=4k7
>=1µF
>=1µF
Analog
out
AS5030
micro
controller
100n
Sin
Cos
+5V
VDD
VSS
VSS
VSS
VDD
VDD
D A
D A
Sinn
Cosn
C1
C2
14
13
3
15
5
4
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com