Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 27 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 27 Page - ams AG

Back Button AS5030 Datasheet HTML 23Page - ams AG AS5030 Datasheet HTML 24Page - ams AG AS5030 Datasheet HTML 25Page - ams AG AS5030 Datasheet HTML 26Page - ams AG AS5030 Datasheet HTML 27Page - ams AG AS5030 Datasheet HTML 28Page - ams AG AS5030 Datasheet HTML 29Page - ams AG AS5030 Datasheet HTML 30Page - ams AG AS5030 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 27 of 33
Figure 32 shows a cross sectional view of the vertical magnetic field component Bz between the north and south pole of a 6mm
diameter magnet, measured at a vertical distance of 1mm. The poles of the magnet (maximum level) are about 2.8mm from the
magnet center, which is almost at the outer magnet edges. The magnetic field reaches a peak amplitude of
~±
106mT at the poles.
The Hall elements are located at a radius of 1mm (indicated as squares at the bottom of the graph). Due to the side view, the
two Hall elements at the Y-axis are overlapping at X = 0mm, therefore only 3 Hall elements are shown.
At 1mm radius, the peak amplitude is ~± 46mT, respectively a differential amplitude of 92mT.
The vertical magnetic field Bz follows a fairly linear pattern up to about 1.5mm radius. Consequently, even if the magnet is not
perfectly centered, the differential amplitude will be the same as for a centered magnet.
For example, if the magnet is misaligned in X-axis by -0.5mm, the two X-Hall sensors will measure 70mT (@x = -1.5mm) and
-22mt (@x = -0.5mm). Again, the differential amplitude is 92mT.
At larger displacements however, the Bz amplitude becomes nonlinear, which results in larger errors that mainly affect the
accuracy of the system (see also Figure 34)
4
3
2
1
0
-1
-2
-3
-4
4
3
2
2
1
0
-1
-2
-3
-125
-100
-75
-50
-25
0
25
50
75
100
125
Bz [mT]
Y-displacement [mm]
X-displacement [mm]
BZ; 6mm magnet @ Z=1mm
area of X-Y-misalignment from
center: +/- 0.5mm
circle of Hall elements on
chip: 1mm radius
N
S
Figure 33: Vertical magnetic field distribution of a cylindrical 6mm Ø diametric magnetized magnet at 1mm gap
Figure 33 shows the same vertical field component as Figure 32, but in a 3-dimensional view over an area of ± 4mm from the
rotational axis.
10.2 Lateral displacement of the magnet
As shown in the magnet specifications (4.4), the recommended horizontal position of the magnet axis with respect to the IC
package center is within a circle of 0.25mm radius. This includes the placement tolerance of the IC within the package.
Figure 34 shows a typical error curve at a medium vertical distance of the magnet around 1.2mm (AGC = 24).
The X- and Y- axis of the graph indicate the lateral displacement of the magnet center with respect to the IC center.
At X = Y = 0, the magnet is perfectly centered over the IC. The total displacement plotted on the graph is for ± 1mm in both
directions.
The Z-axis displays the worst case INL error over a full turn at each given X-and Y- displacement. The error includes the
quantization error of ± 0.7° (see 0). For example, the accuracy for a centered magnet is between 1.0 ~ 1.5° (spec = 2° over full
temperature range). Within a radius of 0.5mm, the accuracy is better than 2.0° (spec = 3° over temperature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com