Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 16 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 16 Page - ams AG

Back Button AS5030 Datasheet HTML 12Page - ams AG AS5030 Datasheet HTML 13Page - ams AG AS5030 Datasheet HTML 14Page - ams AG AS5030 Datasheet HTML 15Page - ams AG AS5030 Datasheet HTML 16Page - ams AG AS5030 Datasheet HTML 17Page - ams AG AS5030 Datasheet HTML 18Page - ams AG AS5030 Datasheet HTML 19Page - ams AG AS5030 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 16 of 33
5.2
AS5030 Read / Write Commands
Data transmission with the AS5030 is handled over the 2-wire or 3-wire interface. The transmission protocol begins with sending
a 5-bit command to the AS5030, followed by reading or writing 16 or 18 bits of data:
5.2.1
16-bit Read Command
Command
Bin
Hex
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RD
ANGLE
00000
00
C2
lock
AGC 5:0
Angle 7:0
C2
displays status of hardware pin C2 (pin #15)
Lock
indicates that the AGC is locked. Data is invalid when this bit is 0
AGC
6-bit AGC register. Indicates the strength of the magnet (e.g. for pushbutton applications)
000000b indicates a strong magnetic field
111111b indicates a weak magnetic field
ideally, the vertical distance of the magnet should be chosen such that the AGC value is in the middle (around
100000b)
Angle
8-bit Angle value; represents the rotation angle of the magnet. One step = 360°/256 = 1.4°
5.2.2
16-bit Write Command
These settings are temporary; they cannot be programmed permanently. The settings will be lost when the power supply is
removed.
Command
Bin
Hex
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
EN PROG
10000
10
1
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
SET PWR
MODE
10001
11
ULP/
LPn
PSM
0
DIS HYST
10011
13
HYS
0
DIS AGC
10101
15
0
0
0
0
0
rst
0
0
0
AGC 5:0
FA
EN PROG
this command must be sent with a fixed 16-bit code (8CAEH) to enable subsequent OTP access.
ULP/LPn
selects the Ultra Low Power Mode, when bit PSM is set: 0 = Low Power Mode, 1 = Ultra Low Power Mode
PSM
enables power saving modes: 0 = normal operation, 1 = reduced power mode selected by bit ULP/LPn
HYS
disables the hysteresis of the digital serial and PWM outputs:
0 (default) = 1-bit hysteresis, 1 = no hysteresis
DIS AGC
disables the automatic gain control. The AGC will be frozen to a gain setting written in bits AGC 5:0 (D6:D1),
bit FA must be set.
rst
General Reset: 0 = normal operation, 1 = perform general reset (required after return from reduced power
modes)
FA
Freeze AGC; 0 = normal operation, 1= freeze AGC with the values stored in bits AGC 5:0. The PWM output
will be invalid when bit FA is set.
5.2.3
18-bit OTP Read Commands
Note: to prohibit unintentional access to the OTP register, OTP PROG/write access is only enabled after the EN PROG
command (see 5.2.2) has been sent. OTP access is locked again by sending a RD ANGLE or SET PWR MODE command.
EN PROG has not to be sent before a READ OTP.
During the 18bit OTP read/write transfer, each bit needs 4 clock pulses to be validated.
Command
Bin
Hex D17
D16
D15
D14
D13
D12 D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
READ
OTP
01111
0F
reserved for factory settings
sens
1:0
zero position
7:0
ANALOG
OTP RD
01001
09
reserved for factory settings
sens
1:0
zero position
7:0
READ OTP
reads the contents of the OTP register in digital form. The reserved area may contain any value
ANALOG OTP RD reads the contents of the OTP register as an analog voltage at pin PROG (see 5.4)
sens
reads the sensitivity setting of the Hall elements : 00 = high sensitivity, 11 = low sensitivity
zero position
reads the programmed zero position; the actual angle of the magnet which is displayed as 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com