Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5030 Datasheet(PDF) 2 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 2 Page - ams AG

  AS5030 Datasheet HTML 1Page - ams AG AS5030 Datasheet HTML 2Page - ams AG AS5030 Datasheet HTML 3Page - ams AG AS5030 Datasheet HTML 4Page - ams AG AS5030 Datasheet HTML 5Page - ams AG AS5030 Datasheet HTML 6Page - ams AG AS5030 Datasheet HTML 7Page - ams AG AS5030 Datasheet HTML 8Page - ams AG AS5030 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 2 of 33
2 Package and Pinout
The AS5030 is available in a TSSOP16 package
Figure 3: TSSOP-16 package and pin-out
Pin#
TSSOP
Symbol
Type
Description
1
MagRngn
DO_T
Push-Pull output. Is HIGH when the magnetic field strength is too weak, e.g. due
to missing magnet
2
Prog_DI
S
OTP Programming voltage supply pin. Leave open or connect to VDD if not used
3
VSS
S
Supply ground
4
T3_SINn
-
This pin is used for factory testing. For normal operation it must be left
unconnected. Inverse SIN (Sinn) output in SIN/COS output mode
5
T2_SIN
-
This pin is used for factory testing. For normal operation it must be left
unconnected. SIN output in SIN/COS mode
6
T1_COSn
-
This pin is used for factory testing. For normal operation it must be left
unconnected. Inverse COS (Cosn) output in SIN/COS mode
7
T0_COS
-
This pin is used for factory testing. For normal operation it must be left
unconnected. COS output in SIN/COS mode
8
TC
-
Test pin. Connect to VSS or leave unconnected
9
DX
DO
Digital output for 2-wire operation and Daisy Chain mode
10
CLK
DI_ST
Clock Input of Synchronous Serial Interface; Schmitt-Trigger input
11
CS
DI_ST
Chip Select for serial data transmission, active high; Schmitt-Trigger input,
external pull-down resistor (~50k
Ω) required in read-only mode
12
DIO
DIO
Data output / command input for digital serial interface
13
VDD
S
Positive supply voltage, 4.5V to 5.5V
14
C1
DI
Configuration input: connect to VSS for normal operation,
connect to VDD to enable SIN-COS outputs. This pin is scanned at power-on-reset
and at wakeup from one of the Ultra Low Power Modes
15
C2
DI
Configuration input: connect to VSS for 3-wire operation,
connect to VDD for 2-wire operation. This pin is scanned at power-on-reset and at
wakeup from one of the Ultra Low Power Modes
16
PWM
DO
Pulse Width Modulation output, 2µs pulse width per step (2µs ~ 512µs)
Table 1: Pin description
Pin types: S:
supply pin
DO:
digital output
DI_ST: digital input / Schmitt-Trigger
DO_T:
digital output / tri-state
DIO:
bi-directional digital pin
DI:
digital input (standard CMOS; no pull-up or pull-down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com