Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 8 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 8 Page - ams AG

Back Button AS5035_1 Datasheet HTML 4Page - ams AG AS5035_1 Datasheet HTML 5Page - ams AG AS5035_1 Datasheet HTML 6Page - ams AG AS5035_1 Datasheet HTML 7Page - ams AG AS5035_1 Datasheet HTML 8Page - ams AG AS5035_1 Datasheet HTML 9Page - ams AG AS5035_1 Datasheet HTML 10Page - ams AG AS5035_1 Datasheet HTML 11Page - ams AG AS5035_1 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 8 of 17
The magnet’s field strength perpendicular to the die
surface should be verified using a gauss-meter. The
magnetic field Bv at a given distance, along a concentric
circle with a radius of 1.1mm (R1), should be in the range
of ±45mT…±75mT. (see Figure 10).
9.1
Physical Placement of the Magnet
The best linearity can be achieved by placing the center
of the magnet exactly over the defined center of the IC
package as shown in Figure 11:
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd
Figure 11: Defined IC center and magnet displacement radius
Magnet Placement:
The magnet’s center axis should be aligned within a
displacement radius Rd of 0.25mm from the defined
center of the IC with reference to the edge of pin #1 (see
Figure 11). This radius includes the placement tolerance
of the chip within the SSOP-16 package (+/- 0.235mm).
The displacement radius Rd is 0.485mm with reference to
the center of the chip
The vertical distance should be chosen such that the
magnetic field on the die surface is within the specified
limits (see Figure 10). The typical distance “z” between
the magnet and the package surface is 0.5mm to 1.8mm
with the recommended magnet (6mm x 3mm). Larger
gaps are possible, as long as the required magnetic field
strength stays within the defined limits.
A magnetic field outside the specified range may still
produce usable results, but the out-of-range condition
will be indicated by MagINCn (pin 1) and MagDECn (pin
2), see 5.5.
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface
Figure 12: Vertical placement of the magnet
10 Angular Output Tolerances
10.1 Accuracy
Accuracy is defined as the error between measured
angle and actual angle. It is influenced by several
factors:
the non-linearity of the analog-digital converters,
internal gain and mismatch errors,
non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered
magnet = (Errmax – Errmin)/2 is specified as better than
±0.5 degrees @ 25°C (see Figure 14).
Misalignment of the magnet further reduces the
accuracy. Figure 14 shows an example of a 3D-graph
displaying non-linearity over XY-misalignment. The
center of the square XY-area corresponds to a centered
magnet (see dot in the center of the graph). The X- and
Y- axis extends to a misalignment of
±1mm in both
directions. The total misalignment area of the graph
covers a square of 2x2 mm (79x79mil) with a step size of
100µm.
Figure 13: Example of linearity error over XY misalignment
-1000
-700
-400
-100
200
500
800
0
1
2
3
4
5
6
°
x
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com