Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 1 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 1 Page - ams AG

  AS5035_1 Datasheet HTML 1Page - ams AG AS5035_1 Datasheet HTML 2Page - ams AG AS5035_1 Datasheet HTML 3Page - ams AG AS5035_1 Datasheet HTML 4Page - ams AG AS5035_1 Datasheet HTML 5Page - ams AG AS5035_1 Datasheet HTML 6Page - ams AG AS5035_1 Datasheet HTML 7Page - ams AG AS5035_1 Datasheet HTML 8Page - ams AG AS5035_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Revision 1.5
www.austriamicrosystems.com
Page 1 of 17
1
General Description
The AS5035 is a magnetic incremental encoder with 64
quadrature pulses per revolution (8-bit resolution) and
index output.
Two diagnostic outputs are provided to indicate an out-of-
range condition of the magnetic field as well as movement
of the magnet in Z-axis. In addition a specific combination
of output states indicate a loss of power supply.
The AS5035 is available in a small 16pin SSOP package. It
can be operated at either 3.3V or 5V supplies.
Figure 1: Typical arrangement of AS5035 and magnet
1.1
Benefits
-
Complete system-on-chip, including analog front end
and digital signal processing
-
2-channel quadrature and index outputs provide an
alternative to optical encoders
-
User programmable Zero positioning by OTP allows
easy assembly of magnet
-
Diagnostic features for operation safety
-
Ideal for applications in harsh environments due to
magnetic sensing principle
-
Robust system, tolerant to magnet misalignment, air
gap variations, temperature variations and external
magnetic stray fields
-
No calibration required
2
Key Features
-
Full turn (360°) contactless angular position encoder
-
2 quadrature A/B outputs with 64 pulses per revolution
(ppr), 256 edges per revolution, 1.4° per step
-
Index output (one pulse per revolution)
-
Accurate user programmable zero position (0.35°)
-
Failure detection mode for magnet placement
monitoring and loss of power supply
-
Wide temperature range: - 40°C to + 125°C
-
Small lead-free package: SSOP 16 (5.3mm x 6.2mm)
3
Applications
Industrial applications:
- Robotics
- Replacement of optical encoders
- Flow meters
- Man-machine interface
Automotive applications:
- Power seat position sensing
- Power mirror position sensing
4
Pin Configuration
Figure 2: AS5035 Pin configuration SSOP16
AS5035
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
DATA SHEET


Similar Part No. - AS5035_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
More results

Similar Description - AS5035_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035 AMSCO-AS5035 Datasheet
58Kb / 1P
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
logo
Pepperl+Fuchs Inc.
20-2952 PF-20-2952 Datasheet
179Kb / 3P
Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
Incremental rotary encoder
TSI40N PF-TSI40N Datasheet
278Kb / 3P
Incremental rotary encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com