Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 3 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 3 Page - ams AG

  AS5035_1 Datasheet HTML 1Page - ams AG AS5035_1 Datasheet HTML 2Page - ams AG AS5035_1 Datasheet HTML 3Page - ams AG AS5035_1 Datasheet HTML 4Page - ams AG AS5035_1 Datasheet HTML 5Page - ams AG AS5035_1 Datasheet HTML 6Page - ams AG AS5035_1 Datasheet HTML 7Page - ams AG AS5035_1 Datasheet HTML 8Page - ams AG AS5035_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 3 of 17
5
Connecting the AS5035
5.1
Power Supply
5.1.1
5.0V Operation
Connect a 4.5V to 5.5V power supply to pin VDD5V only.
Add a 1µF to 10µF buffer capacitor to pin VDD3V3
5.1.2
3.3V Operation
Connect a 3.0V to 3.6 V power supply to both pins VDD5V
and VDD3V3. If necessary, add a 100nF ceramic buffer
capacitor to pin VDD3V3.
LDO
I
N
T
E
R
F
A
C
E
2.2...10µF
100n
4.5 - 5.5V
A
Index
B
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
CSn
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
A
Prog
OTP_CLK
OTP_DO
Index
B
CSn
Prog
OTP_CLK
OTP_DO
Figure 4: Connections for 5V / 3.3V supply voltages
5.2
Logic High and Low Levels
VDD5V will be either 3.0 - 3.6V or 4.5 - 5.5V, depending on
configuration.
In either case, the logic levels on output pins A, B and
Index will be
Vout high = VDD5V – 0.5V,
Vout low = VSS+0.4V.
The logic level on the CSn input pin will be
Vin high = VDD5V*0.7,
Vin low = VDD5V*0.3
5.3
Output Current
The available maximum output current on pins A, B and
Index to maintain the Vout high and Vout low levels is
2mA (sink and source) at VDD5V = 3.0V
4mA (sink and source) at VDD5V = 4.5V
5.4
Chip Select Pin CSn
5.4.1
Without Power-up Diagnostic Feature
For standalone operation without microcontroller, pin CSn
should be connected to VSS permanently. The incremental
outputs will be available, as soon as the internal offset
compensation is finished (within <50ms).
5.4.2
With Power-up Diagnostic Feature
A diagnostic feature is available to detect a temporary loss
of
power
or
initial
power-up
of
the
AS5035:
if the CSn pin is high or left open (internal pull up resistor
~50k
Ω) during power-up, the incremental outputs will
remain in high state: A = B = Index = High.
This state indicates a power-up or temporary loss of power,
as in normal operation A, B and Index will never be high at
the same time. When Index is high, both A and B are low.
To clear this state end enable the incremental outputs,
CSn must be pulled low. The incremental outputs will
remain enabled if CSn returns to high afterwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com