Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 4 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 4 Page - ams AG

  AS5035_1 Datasheet HTML 1Page - ams AG AS5035_1 Datasheet HTML 2Page - ams AG AS5035_1 Datasheet HTML 3Page - ams AG AS5035_1 Datasheet HTML 4Page - ams AG AS5035_1 Datasheet HTML 5Page - ams AG AS5035_1 Datasheet HTML 6Page - ams AG AS5035_1 Datasheet HTML 7Page - ams AG AS5035_1 Datasheet HTML 8Page - ams AG AS5035_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 4 of 17
5.5
MagInc and MagDec Indicators
These two pins are open-drain outputs with a maximum
driving capability of 2mA @ 3.0V and 4mA @ 4.5V.
MagINC, (Magnitude Increase) turns on, when the magnet
is pushed towards the IC, thus when the magnetic field
strength is increasing.
MagDEC, (Magnitude Decrease) turns on, when the
magnet is pulled away from the IC, thus when the magnetic
field strength is decreasing.
If both outputs are low, they indicate that the magnetic
field out of the allowed range:
MagINC
MagDEC
Description
off
off
No distance change. Magnetic Input Field OK
off
on
Distance increase (Magnet pulled away from IC)
on
off
Distance decrease (Magnet pushed towards IC)
on
on
Magnetic Input Field invalid – out of range:
either too large (magnet too close) or too small (missing magnet or magnet too far away)
Table 2: Magnetic field strength diagnostic outputs
off = open-drain output transistor is off. Using a pull-up resistor, the output is high
on = open-drain output transistor is on. Using a pull-up resistor, the output is low
Both outputs MagInc and MagDec may be tied together, using one common pull-up resistor. In this case, the output will be high
only when the magnetic field is in range. It will be low when either the magnet is moving in Z-axis or when the magnetic field is
out of range.
6
Incremental Outputs
6.1
A, B and Index
The phase shift between channel A and B indicates the
direction of the magnet movement. Channel A leads
channel B at a clockwise rotation of the magnet (top view,
magnet placed above or below the device) with 90
electrical degrees. Channel B leads channel A at a
counter-clockwise rotation. The Index pulse has a width of
1LSB = 1.4°
6.2
Hysteresis
To avoid flickering of the incremental outputs at a
stationary mechanical position, a hysteresis of 0.7° is
introduced. When the direction of rotation is reversed, the
incremental outputs will not change state unless the
movement in the opposite direction is larger than the
hysteresis. This leads to the effect that the A,B and Index
pulse positions will be shifted by 0.7° when the rotational
direction is reversed. This shift is cancelled again with the
next reversal of direction so that the A,B and Index pulses
appear always at the same position for a given rotational
direction no matter how often the rotational direction is
reversed (see Figure 5).
.
A
B
Index=
1.40625°
Index
Mechanical
Zero Position
Rotation Direction
Change
CSn
t Incremental outputs valid
Hysteresis =0.7°
Mechanical
Zero Position
power-up
1.40625°
=90e°
5.625°
=360e°
Figure 5: Incremental quadrature outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com