Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040ASST Datasheet(PDF) 14 Page - ams AG

Part # AS5040ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040ASST Datasheet(HTML) 14 Page - ams AG

Back Button AS5040ASST Datasheet HTML 10Page - ams AG AS5040ASST Datasheet HTML 11Page - ams AG AS5040ASST Datasheet HTML 12Page - ams AG AS5040ASST Datasheet HTML 13Page - ams AG AS5040ASST Datasheet HTML 14Page - ams AG AS5040ASST Datasheet HTML 15Page - ams AG AS5040ASST Datasheet HTML 16Page - ams AG AS5040ASST Datasheet HTML 17Page - ams AG AS5040ASST Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
14 - 33
Figure 9: Hysteresis Window for Incremental Outputs
Magnet Position
Hysteresis:
0.7°
X+2
Incremental
Output
Indication
Clockwise Direction
Counterclockwise Direction
X+4
X
X
X +2
X+4 X +5
X +3
X+1
X+1
X+3
9
Pulse Width Modulation (PWM) Output
The AS5040 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured
angle:
() 1
1025 −
+
⋅
=
off
on
on
t
t
t
Position
The PWM frequency is internally trimmed to an accuracy of
±5% (±10% over full temperature range). This tolerance
can be cancelled by measuring the complete duty cycle as shown above.
Figure 10: PWM Output Signal
1/fPWM
Angle
359.65 deg
(Pos 1023)
0 deg
(Pos 0)
1µs
1025µs
PWMIN
PWMAX
1024µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com