Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040ASST Datasheet(PDF) 18 Page - ams AG

Part # AS5040ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040ASST Datasheet(HTML) 18 Page - ams AG

Back Button AS5040ASST Datasheet HTML 14Page - ams AG AS5040ASST Datasheet HTML 15Page - ams AG AS5040ASST Datasheet HTML 16Page - ams AG AS5040ASST Datasheet HTML 17Page - ams AG AS5040ASST Datasheet HTML 18Page - ams AG AS5040ASST Datasheet HTML 19Page - ams AG AS5040ASST Datasheet HTML 20Page - ams AG AS5040ASST Datasheet HTML 21Page - ams AG AS5040ASST Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
18 - 33
Figure 16: OTP Programming Connection of AS5040 (shown with AS5040 demoboard)
Incremental Mode Programming
Three different incremental output modes are available.
Mode: Md1=0 / Md0=1 sets the AS5040 in quadrature mode.
Mode: Md1=1 / Md0=0 sets the AS5040 in step / direction mode (see Table 1)
In both modes, the incremental resolution may be reduced from 10 bit down to 9, 8 or 7 bit using the divider OTP bits
Div1 and Div0. (see Table 6 below ).
Mode: Md1=1 / Md0=1 sets the AS5040 in brushless DC motor commutation mode with an additional LSB
incremental signal at pin 12 (PWM_LSB).
To allow programming of all bits, the default factory setting is all bits = 0. This mode is equal to mode 1:0 (quadrature
A/B, 1LSB index width, 256ppr).
The absolute angular output value, by default, increases with clockwise rotation of the magnet (top view).
Setting the CCW-bit (see Figure 14) allows reversing the indicated direction, e.g. when the magnet is placed
underneath the IC:
CCW = 0 – angular value increases clockwise;
CCW = 1 – angular value increases counterclockwise.
By default, the zero / index position pulse is one LSB wide. It can be increased to a three LSB wide pulse by setting
the Index-bit of the OTP register.
Further programming options (commutation modes) are available for brushless DC motor-control.
Md1 = Md0 = 1 changes the incremental output pins 3, 4 and 6 to a 3-phase commutation signal. Div1 defines the
number of pulses per revolution for either a two-pole (Div1=0) or four-pole (Div1=1) rotor.
In addition, the LSB is available at pin 12 (the LSB signal replaces the PWM signal), which allows for high rotational
speed measurement of up to 30,000 rpm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com