Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040ASST Datasheet(PDF) 6 Page - ams AG

Part # AS5040ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040ASST Datasheet(HTML) 6 Page - ams AG

Back Button AS5040ASST Datasheet HTML 2Page - ams AG AS5040ASST Datasheet HTML 3Page - ams AG AS5040ASST Datasheet HTML 4Page - ams AG AS5040ASST Datasheet HTML 5Page - ams AG AS5040ASST Datasheet HTML 6Page - ams AG AS5040ASST Datasheet HTML 7Page - ams AG AS5040ASST Datasheet HTML 8Page - ams AG AS5040ASST Datasheet HTML 9Page - ams AG AS5040ASST Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
6 - 33
Parameter
Symbol
Min
Typ
Max
Unit
Note
Magnetic offset
Boff
± 10
mT
Constant magnetic stray field
Field non-linearity
5
%
Including offset gradient
fmag_abs
10
Hz
Absolute mode: 600 rpm @ readout of 1024
positions (see Table 6)
Input frequency
(rotational speed of
magnet)
fmag_inc
500
Hz
Incremental mode: no missing pulses at
rotational speeds of up to 30,000 rpm (see
Table 6)
0.25
Max. X-Y offset between defined IC package
center and magnet axis (see Figure 21)
Displacement radius
Disp
0.485
mm
Max. X-Y offset between chip center and
magnet axis.
Chip placement
tolerance
±0.23
5
mm
Placement tolerance of chip within IC
package (see Figure 23)
-0.12
NdFeB (Neodymium Iron Boron)
Recommended magnet
material and
temperature drift
-0.035
%/K
SmCo (Samarium Cobalt)
Electrical System Specifications
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Resolution
RES
10
bit
0.352 deg
7 bit
8 bit
9 bit
10 bit
LSB
2.813
1.406
0.703
0.352
deg
Adjustable resolution only available
for incremental output modes;
Least significant bit, minimum step
Integral non-linearity
(optimum)
INLopt
± 0.5
deg
Maximum error with respect to the
best line fit.
Verified at optimum magnet
placement, Tamb =25 °C.
Integral non-linearity
(optimum)
INLtemp
± 0.9
deg
Maximum error with respect to the
best line fit.
Verified at optimum magnet
placement ,
Tamb = -40 to +125°C
Integral non-linearity
INL
± 1.4
deg
Best line fit = (Errmax – Errmin) / 2
Over displacement tolerance with
6mm diameter magnet, Tamb = -40 to
+125°C
Differential non-linearity
DNL
± 0.176
deg
10bit, no missing codes
Transition noise
TN
0.12
Deg
RMS
RMS equivalent to 1 sigma
Hysteresis
Hyst
0.704
deg
Incremental modes only
Power-on reset thresholds
On voltage; 300mV typ.
hysteresis
Off voltage; 300mV typ.
hysteresis
Von
Voff
1.37
1.08
2.2
1.9
2.9
2.6
V
DC supply voltage 3.3V (VDD3V3)
DC supply voltage 3.3V (VDD3V3)
Power-up time
tPwrUp
50
ms
Until offset compensation finished
System propagation delay
absolute output
tdelay
48
µs
Includes delay of ADC and DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com