Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040ASST Datasheet(PDF) 16 Page - ams AG

Part # AS5040ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5040ASST Datasheet(HTML) 16 Page - ams AG

Back Button AS5040ASST Datasheet HTML 12Page - ams AG AS5040ASST Datasheet HTML 13Page - ams AG AS5040ASST Datasheet HTML 14Page - ams AG AS5040ASST Datasheet HTML 15Page - ams AG AS5040ASST Datasheet HTML 16Page - ams AG AS5040ASST Datasheet HTML 17Page - ams AG AS5040ASST Datasheet HTML 18Page - ams AG AS5040ASST Datasheet HTML 19Page - ams AG AS5040ASST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
16 - 33
Figure 12: U, V and V-signals for BLDC Motor Commutation (Div1=0, Div0=0)
Commutation - Mode 3.0 (One-pole-pair)
U
V
W
Position:
0
171
341
512
683
853
0
Angle:
0.0
60.12
119.88
180.0
240.12
299.88
360.0
Width: 512 Steps
Width: 512 Steps
CW Direction
Figure 13: U, V and W-signals for 2-pole BLDC Motor Commutation (Div1=1; Div0=0)
Commutation - Mode 3.2 (Two-pole-pairs)
U
V
W
Position:
0
85
171
256
341
427
512
597
683
768
853
939
0
Angle:
0.0
29.88
60.12
90.0
119.88
150.12
180.0
209.88
240.12
270.00
299.88
330.12
360.0
Width: 256 Steps
Width: 256 Steps
CW Direction
12 Programming the AS5040
After power-on, programming the AS5040 is enabled with the rising edge of CSn with Prog = high and CLK = low. 16
bit configuration data must be serially shifted into the OTP register via the Prog-pin. The first “CCW” bit is followed by
the zero position data (MSB first) and the incremental mode setting as shown in Table 6. Data must be valid at the
rising edge of CLK (see Figure 14).
After writing data into the OTP register it can be permanently programmed by rising the Prog pin to the programming
voltage VPROG. 16 CLK pulses (tPROG) must be applied to program the fuses (Figure 15). To exit the programming
mode, the chip must be reset by a power-on-reset. The programmed data is available after the next power-up.
Note: During the programming process, the transitions in the programming current may cause high voltage spikes
generated by the inductance of the connection cable. To avoid these spikes and possible damage to the IC, the
connection wires, especially the signals Prog and VSS must be kept as short as possible. The maximum wire length
between the VPROG switching transistor and pin Prog (see Figure 16) should not exceed 50mm (2 inches). To
suppress eventual voltage spikes, a 10nF ceramic capacitor should be connected close to pins Prog and VSS. This
capacitor is only required for programming, it is not required for normal operation.
The clock timing tclk must be selected at a proper rate to ensure that the signal Prog is stable at the rising edge of CLK
(see Figure 14). Additionally, the programming supply voltage should be buffered with a 10µF capacitor mounted
close to the switching transistor. This capacitor aids in providing peak currents during programming.
The specified programming voltage at pin Prog is 7.3 – 7.5V (see section 0). To compensate for the voltage drop
across the VPROG switching transistor, the applied programming voltage may be set slightly higher (7.5 - 8.0V, see
Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com