Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 10 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 10 Page - ams AG

Back Button AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG AS5043 Datasheet HTML 11Page - ams AG AS5043 Datasheet HTML 12Page - ams AG AS5043 Datasheet HTML 13Page - ams AG AS5043 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AS5043
Data Sheet – Analog Output
www.austriamicrosystems.com
Revision 1.80
10 – 36
11 Analog Output
The analog output Vout provides an analog voltage that is proportional to the angle of the rotating magnet and ratiometric
to the supply voltage VDD5V (max.5.5V). It can source or sink currents up to
±1mA in normal operation (up to 66mA short
circuit current).
The analog output block consists of a digital angular range selector, a 10-bit Digital-to-Analog converter and an OPAMP
buffer stage (see Figure 14).
The digital range selector allows a preselection of the angular range for 360°,180°,90° or 45° (see Table 5). Fine-tuning of
the angular range can be accomplished by adjusting the gain of the OPAMP buffer stage.
The reference voltage for the Digital-to-Analog converter (DAC) can be taken internally from VDD5V / 2. In this mode, the
output voltage is ratiometric to the supply voltage.
Alternatively, an external DAC reference can be applied at pin DACref (#9). In this mode, the analog output is ratiometric
to the external reference voltage.
An on-chip diagnostic feature turns the analog output off in case of an error (broken supply or magnetic field out of range;
see Table 3).
The DAC output can be accessed directly at pin #10 DACout.
The addition of an OPAMP to the DAC output allows a variety of user configurable options, such as variable output
voltage ranges and variable output voltage versus angle response. By adding an external transistor, the analog voltage
output can be buffered to allow output currents up to hundred milliamperes or more.
Furthermore, the OPAMP can be configured as constant current source.
As an OTP option, the DAC can be configured to 2 different output ranges:
a) 0……100% VDACref. The reference point may be either taken from VDD5V/2 or from the external DACref input. The
0…100% range allows easy replacement of potentiometers. Due to the nature of rail-to-rail outputs, the linearity will
degrade at output voltages that are close to the supply rails.
b) 10…..90% VDACref. This range allows better linearity, as the OPAMP is not driven to the rails. Furthermore, this mode
allows failure detection, when the analog output voltage is outside of the normal operating range of 10…90%VDD, as in
the case of broken supply or when the magnetic field is out of range and the analog output is turned off.
11.1 Analog Output Voltage Modes
The Analog output voltage modes are programmable by OTP. Depending on the application, the analog output can be
selected as rail-to-rail output or as clamped output with 10%-90% VDD5V.
The output is ratiometric to the supply voltage (VDD5V), which can range from 3.0V to 5.5V. If the DAC reference is
switched to an external reference (pin DACref), the output is ratiometric to the external reference.
11.1.1 Full Scale Mode
This output mode provides a ratiometric DAC output of (0% to 100%)x Vref
*), amplified by the OPAMP stage (default =
internal 2x gain, see Figure 14)
Figure 8: Analog Output, Full Scale Mode (shown for 360°mode)
Note: For simplification, Figure 8 describes
a linear output voltage from rail to rail (0V to
VDD). In practice, this is not feasible due to
saturation effects of the OPAMP output
driver transistors. The actual curve will be
rounded towards the supply rails (as
indicated in Figure 8)
Note: Figure 8 and
are shown for 360°
operation. See Table 5 (page 16) for further
angular range programming options.
Vref
0°
90°
180°
270°
360°
0V
analog
output
voltage
angle
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com