Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 16 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 16 Page - ams AG

Back Button AS5043 Datasheet HTML 12Page - ams AG AS5043 Datasheet HTML 13Page - ams AG AS5043 Datasheet HTML 14Page - ams AG AS5043 Datasheet HTML 15Page - ams AG AS5043 Datasheet HTML 16Page - ams AG AS5043 Datasheet HTML 17Page - ams AG AS5043 Datasheet HTML 18Page - ams AG AS5043 Datasheet HTML 19Page - ams AG AS5043 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AS5043
Data Sheet – Programming the AS5043
www.austriamicrosystems.com
Revision 1.80
16 – 36
Table 5: Digital Range Selector Programming Option
Output
Range1
Output
Range0
Mode
Note
0
0
0
0°
256
90°
18 0°
2 7 0°
360°
0
angle*)
360° angular ra nge (default)
1023
512
768
1024
default mode,
analog resolution= 10bit
(1024 steps) over 360°
analog step size:
1LSB = 0.35°
0
1
0
0°
90 °
18 0°
2 7 0°
360°
0
angle
180° angular ra nge
1023
256
512
768
1024
analog resolution= 10bit
(1024 steps) over 180°
Analog step size:
1LSB = 0.175°
1
0
0
0°
90 °
18 0°
2 7 0°
360°
0
angle
90° angular range
1023
256
512
768
1024
analog resolution= 10bit
(1024 steps) over 90°
Analog step size:
1LSB = 0.088°
1
1
0
0°
90 °
18 0°
225°
360°
0
angle
45° angular range
511
256
512
640
1024
128
45°
analog resolution=
9 bit (512 steps) over 45°
Analog step size:
1LSB = 0.088°
*) Note: the resolution on the digital SSI interface is always 10bit (0.35°/step) over 360°, independent on analog mode
12.3 Repeated OTP Programming
Although a single AS5043 OTP register bit can be programmed only once (from 0 to 1), it is possible to program other,
unprogrammed bits in subsequent programming cycles. However, a bit that has already been programmed should not be
programmed twice. Therefore it is recommended that bits that are already programmed are set to “0” during a
programming cycle.
12.4 Non-permanent Programming
It is also possible to re-configure the AS5043 in a non-permanent way by overwriting the OTP register.
This procedure is essentially a “Write Data” sequence (see Figure 10) without a subsequent OTP programming cycle.
The “Write Data” sequence may be applied at any time during normal operation. This configuration remains set while the
power supply voltage is above the power-on reset level (see 19.5).
See Application Note AN5000-20 for further information.
12.5 Digital-to-Analog Converter (DAC)
The DAC has a resolution of 10bit (1024 steps) and can be configured for the following options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com