Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 6 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 6 Page - ams AG

Back Button AS5043 Datasheet HTML 2Page - ams AG AS5043 Datasheet HTML 3Page - ams AG AS5043 Datasheet HTML 4Page - ams AG AS5043 Datasheet HTML 5Page - ams AG AS5043 Datasheet HTML 6Page - ams AG AS5043 Datasheet HTML 7Page - ams AG AS5043 Datasheet HTML 8Page - ams AG AS5043 Datasheet HTML 9Page - ams AG AS5043 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AS5043
Data Sheet – 10-bit Absolute Synchronous Serial Interface (SSI)
www.austriamicrosystems.com
Revision 1.80
6 – 36
8
10-bit Absolute Synchronous Serial Interface (SSI)
The serial data transmission timing is outlined in Figure 5: if CSn changes to logic low, Data Out (DO) will change from
high impedance (tri-state) to logic high and the read-out sequence will be initiated.
After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.
Each subsequent rising CLK edge shifts out one bit of data.
The serial word contains 16 bits, the first 10 bits are the angular information D[9:0], the subsequent 6 bits contain system
information, about the validity of data such as OCF, COF, LIN, Parity and Magnetic Field status (increase / decrease / out
of range) .
A subsequent measurement is initiated by a logic “high” pulse at CSn with a minimum duration of tCSn.
Data transmission may be terminated at any time by pulling CSn = high.
8.1
Serial Data Contents
D9:D0
absolute angular position data (MSB is clocked out first).
OCF
(Offset Compensation Finished), logic high indicates that the Offset Compensation Algorithm has finished and data
is valid.
COF
(Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the data at
D9:D0 is invalid. The absolute output maintains the last valid angular value.
This alarm may be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN
(Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D9:D0 may still be used, but may contain invalid data. This warning may be resolved by
bringing the magnet within the X-Y-Z tolerance limits.
Data D9:D0 is valid, when the status bits have the following configurations:
Table 2: Status Bit Outputs
OCF
COF
LIN
Mag
INC
Mag
DEC
Parity
0
0
0
1
1
0
0
1
0
even checksum of bits 1:15
MagInc
, (Magnitude Increase) becomes HIGH, when the magnet is pushed towards the IC, thus the magnetic field
strength is increasing.
MagDec,
(Magnitude Decrease) becomes HIGH, when the magnet is pulled away from the IC, thus the magnetic field
strength is decreasing.
Both signals HIGH indicate a magnetic field that is out of the allowed range (see Table 3).
Note: Pin 1 (MagRngn) is a combination of MagInc and MagDec. It is active low via an open drain output and requires an
external pull-up resistor. If the magnetic field is in range, this output is turned off. (logic “high”).
Even Parity
bit for transmission error detection of bits 1…15 (D9…D0, OCF, COF, LIN, MagInc, MagDec)
The absolute angular output is always set to a resolution of 10 bit / 360°. Placing the magnet above the chip, angular
values increase in clockwise direction by default.
Figure 5: Synchronous Serial Interface with Absolute Angular Position Data
Even
PAR
CSn
CLK
DO
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
18
16
COF
LIN
OCF
Ma g
IN C
Ma g
DEC
t DO active
t DO Tristate
1
D9
t CLK FE
t DO valid
t CLK FE
t CSn
T CLK / 2
Angular Position Data
Status Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com