Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 26 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 26 Page - ams AG

Back Button AS5043 Datasheet HTML 22Page - ams AG AS5043 Datasheet HTML 23Page - ams AG AS5043 Datasheet HTML 24Page - ams AG AS5043 Datasheet HTML 25Page - ams AG AS5043 Datasheet HTML 26Page - ams AG AS5043 Datasheet HTML 27Page - ams AG AS5043 Datasheet HTML 28Page - ams AG AS5043 Datasheet HTML 29Page - ams AG AS5043 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AS5043
Data Sheet – Angular Output Tolerances
www.austriamicrosystems.com
Revision 1.80
26 – 36
s
rpm
n
μ
384
60
⋅
=
for slow mode
In practice, there is no upper speed limit. The only restriction is that there will be fewer samples per revolution as the
speed increases.
Regardless of the rotational speed, the absolute angular value is always sampled at the highest resolution.
Table 6: Speed Performance
Fast Mode
(Pin Mode = 1)
Slow Mode
(Pin Mode = 0 or open)
610rpm = 1024 samples / turn
610rpm = 256 samples / turn
1220rpm = 512 samples / turn
1220rpm = 128 samples / turn
2441rpm = 256 samples / turn
2441rpm = 64 samples / turn
etc…
etc…
18.5 Output Delays
The propagation delay is the delay between the time that the sample is taken until it is available as angular data. This
delay is 96µs in fast mode (pin Mode = high) and 384µs in slow mode (pin Mode = low or open).
The analog output produces no further delay, the output voltage will be updated as soon as it is available. Using the SSI
interface for data transmission, an additional delay must be considered, caused by the asynchronous sampling
(0….1/fsample) and the time it takes the external control unit to read and process the angular data from the AS5043.
18.5.1 Angular Error Caused by Propagation Delay
A rotating magnet will cause an angular error caused by the propagation delay.
This error increases linearly with speed:
delay
pr
rpm
e
sampling
.
6
(deg)
∗
∗
=
where
esampling = angular error [°]
rpm
= rotating speed [rpm]
prop.delay
= propagation delay [seconds]
Note: since the propagation delay is known, it can be automatically compensated by the control unit processing the data
from the AS5043.
18.6 Internal Timing Tolerance
The AS5043 does not require an external ceramic resonator or quartz. All internal clock timings for the AS5043 are
generated by an on-chip RC oscillator. This oscillator is factory trimmed to
±5% accuracy at room temperature (±10%
over full temperature range). This tolerance influences the ADC sampling rate:
18.6.1 Absolute Output; SSI Interface
A new angular value is updated every
96µs +/- 5% (Mode = 1) or
384µs +/- 5% (Mode = 0 or open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com