Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 7 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 7 Page - ams AG

Back Button AS5130 Datasheet HTML 3Page - ams AG AS5130 Datasheet HTML 4Page - ams AG AS5130 Datasheet HTML 5Page - ams AG AS5130 Datasheet HTML 6Page - ams AG AS5130 Datasheet HTML 7Page - ams AG AS5130 Datasheet HTML 8Page - ams AG AS5130 Datasheet HTML 9Page - ams AG AS5130 Datasheet HTML 10Page - ams AG AS5130 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
7 - 40
AS5130
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
TPwrUp
Power up time
Startup from zero
2000
us
Startup with preset AGC
(Supplied during toff phase of AVDD
from the external buffer capacitor via
DVDD pin)
250
Startup from sleep power mode
150
Vout_wake
up
Wake up output
Open drain output with tri-state
behavior, see Fig 10
5V
WakeLSB
Angle difference threshold for
wake up generation
Factory setting is 4 LSB, value is
accessible by SSI in buffered
register and can be changed by
customer.
0127
LSB
DC/AC Characteristics for Digital Inputs and Outputs
CMOS Input
VIH
High level Input voltage
0.7 x
VDD
V
VIL
Low level Input Voltage
0.3 x
VDD
V
ILEAK
Input Leakage Current
1µA
CMOS Output
VOH
High level Output voltage
VDD -
0.5
V
VOL
Low level Output Voltage
VSS +
0.4
V
CL
Capacitive Load
35
pF
tslew
Slew Rate
External capacitive load C_L = 35pF
External series resistance R = 0
Ω
Junction temperature TJ = 136ºC
Rise time of the internal driver t_rise
= 3ns
Fall time of the internal driver t_fall =
3ns
30
ns
tdelay
Time Rise Fall
15
ns
Programming Parameters
VPROG
Programming Voltage
static voltage at pin PROG
8.0
8.5
V
IPROG
Programming Current
100
mA
TambPROG
Programming ambient
temperature
during programming
0
85
ºC
tPROG
Programming time
timing is internally generated
2
4
µs
VR,prog
Analog readback voltage
during Analog Readback mode at
pin PROG
0.5
V
VR,unprog
2.2
3.5
8-bit PWM output
NPWM
PWM resolution
8bit
PWMIN
PWM pulse width
angle = 0º (00H)
0.59
0.556
0.526
µs
PWMAX
PWM pulse width
angle = 358.6º (FFH)
150.9
142.3 134.61
µs
PWP
PWM period
over full temperature range
151.5
142.8
135
µs
fPWM
PWM frequency
=1 / PWM period
5.44
7
9.18
kHz
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com