Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 22 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 22 Page - ams AG

Back Button AS5130 Datasheet HTML 18Page - ams AG AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
22 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Digital Readout Rate
Aside from the chip-internal propagation delay, the time required to read and process the angle data must also be
considered. Due to its nature, a PWM signal is not very usable at high speeds, as you get only one reading per PWM
period. Increasing the PWM frequency may improve the situation but causes problems for the receiving controller to
resolve the PWM steps. The frequency on the AS5130 PWM output is typ. 1.95kHz with a resolution of 2µs/step. A
more suitable approach for high speed absolute angle measurement is using the serial interface. With a clock rate of
up to 6MHz, a complete set of data (21bits) can be read in >3.5µs.
Total Propagation Delay of the AS5130
The total propagation delay of the AS5130 is the delay in the analog signal path and the tracking rate of the ADC:
15.6µs + 1.15µs = 16.75µs
(EQ 4)
If only the SIN-/COS-outputs are used, the propagation delay is the analog signal path delay only (typ. 15.6µs).
Position Error Over Speed:
The angle error over speed caused by the propagation delay is calculated as:
Δθpd = rpm * 6 * 16.75E
-6 in degrees
(EQ 5)
In addition, the anti-aliasing filter causes an angle error calculated as:
Δ
θlpf = ArcTan [rpm / (60*f0)]
(EQ 6)
Reduced Power Modes
The AS5130 can be operated in three reduced power modes. All three modes have in common that they switch off or
freeze parts of the chip during intervals between measurements. In Low Power Mode or Ultra Low Power Mode, the
AS5130 is not operational, but due to the fast start-up, an angle measurement can be accomplished very quickly and
the chip can be switched to reduced power immediately after a valid measurement has been taken. Depending on the
intervals between measurements, very low average power consumption can be achieved using such a strobed
measurement mode.
Low Power Mode: reduced current consumption, very fast start-up. Ideal for short sampling intervals (<3ms).
Power Cycling mode: zero power consumption (externally switched off) during sampling intervals, but slower start-
up than Polling Mode. Ideal for sampling intervals 200ms.
Polling Mode: for reduction of the average power consumption; especially suited for battery powered applications.
Low Power Mode
The AS5130 can be put in Low Power Mode by simple serial commands, using the regular SSI commands. The
required serial command is WRITE CONFIG (17H, Figure 3 on page 10). The angle data is valid, as soon as the
LOCK- Flag is 1 (see Table 8).
In Reduced Power Modes, the AS5130 is inactive. The last state, e.g. the angle, AGC value, etc. is frozen and the chip
starts from this frozen state when it resumes active operation. This method provides much faster start-up than a “cold
start” from zero.
Table 10. Examples of the Overall Position Error caused by Speed (includes both propagation delay and filter delay)
Speed (rpm)
Total Position Error (
Δθpd + Δθlpf)
100
0,0175º
1000
0,175º
10000
1,75º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com