Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 19 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 19 Page - ams AG

Back Button AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG AS5130 Datasheet HTML 17Page - ams AG AS5130 Datasheet HTML 18Page - ams AG AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
19 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
If a bit is not fused properly (analog readout levels violated), the redundancy bits can be used as shown in the table
below. Only one single bit can be overwritten with a logic HI. An improper fusing cannot be made undone.
Multi Turn Counter
An 8-bit register is used for counting the magnet’s revolutions. With each zero transition in any direction, the output of
a special counter is incremented or decremented. The initial value after reset is 0 LSB.
The multi turn value is encoded as complement on two. Clockwise rotation gives increasing angle values and positive
turn count. Counter clockwise rotation exhibits decreasing angle values and a negative turn count respectively.
The counter output can be reset by using command 19 – HYST_RST. It is immediately reset by the rising clock edge of
this bit. Any zero crossing between the clock edge and the next counter readout changes the counter value.
AS5130 Status Indicators
Lock Status Bit
The Lock signal indicates whether the angle information is valid (ADC locked, Lock = high) or invalid (ADC unlocked,
Lock = low). To determine a valid angular signal at best performance, the following indicators should be set:
Lock = 1
AGC = >00H and < 2FH
Note: The angle signal may also be valid (Lock = 1), when the AGC is out of range (00H or 2FH), but the accuracy of
the AS5130 may be reduced due to the out of range condition of the magnetic field strength.
<15:12>
replaced bit
<15:12>
replaced bit
0000
none
1000
7
0001
0
1001
8
0010
1
1010
9
0011
2
1011
10
0100
3
1100
11
0101
4
1101
none
0110
5
1110
none
0111
6
1111
none
Bit Code
Decimal Value
01111111
127
---
---
00000011
+3
00000010
+2
00000001
+1
00000000
0
11111111
-1
11111110
-2
11111101
-3
---
---
10000000
-128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com