Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 28 Page - ams AG

Part # AS5130
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 28 Page - ams AG

Back Button AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG AS5130 Datasheet HTML 27Page - ams AG AS5130 Datasheet HTML 28Page - ams AG AS5130 Datasheet HTML 29Page - ams AG AS5130 Datasheet HTML 30Page - ams AG AS5130 Datasheet HTML 31Page - ams AG AS5130 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
28 - 40
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 20. 3-Wire Angle Sensor
Application Example III: Low-power encoder
Via SSI, the AS5130 will be able to toggle between active mode and low power mode. In active mode, the current
consumption is ~15mA and in sleep mode 2mA. The fastest possible startup time from low power mode is 150µs. The
AS5130 can be periodically switched between active and low power mode, the average power consumption depends
on the duty cycle. In order to read out the correct data, the active mode time must be larger than 150µs.
Figure 21. Low Power Encoder
Iavg =
(EQ 8)
Example: sampling period = one measurement every 10ms.
System constants = Iactive = 15mA, Ipower_down = 2 mA, toff = 9,85ms, ton(min) = 150µs (start-up from low power mode):
Iavg =
= 2.195mA
(EQ 9)
AS5130
100n
VSS
+5V
CS
DCLK
DIO
CAO
1k
LED1
AS5130
VDD
VSS
AS5130
PROG
S
N
PWM out
PWM
CAO
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
AVDD
CS
VDD
DIO
VSS
AS5130
S
N
on/off
CLK
Iactive∗ton Ipowerdown∗toff
+
ton toff
+
---------------------------------------------------------------------
15mA∗150
μs 2mA∗985ms
,
+
150
μs 985ms
,
+
--------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com