Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013 Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
13
DM9013-15-DS-P03
April 9, 2009
5. Pin Description
I = Input, O = Output, I/O = Input / Output, O/D = Open Drain, P = Power, PD=internal pull-low (about 50K Ohm)
# = asserted Low
5.1 Processor Bus Interface
Pin No.
Pin Name
I/O
Description
1
CMD
I
Command Type
When high, the access of this command cycle is DATA
port
When low, the access of this command cycle is INDEX
port
2
CS#
I
Processor Chip select Command
3
IOW#
I
Processor Write Command
5
IOR#
I
Processor Read Command
6
IRQ
O
Interrupt Request
7,8,9,10,12,13,14,15,
16,17,19,20,22,23,25,26
SD0~15
I/O
Processor Data Bus bit 0~15
28,29,30,31,33,34,36,37,
38,39,41,42,43,44,46,47
SD16~31
I/O
Processor Data Bus bit 16~31 or
General purpose pins when data bus is in 16-bit mode
110
Reserved
O
Reserved
5.2 General and LED pins
Pin No.
Pin Name
I/O
Description
118,117,115,114,
113,112,111
GP0~6
I/O
General I/O Ports
Registers GPCR and GPR can program these pins
119,121,122,123,
124,126,127,128
BWLED0~7
I/O
Bandwidth LED
5.3 P2 MII / RMII / Reverse MII Interfaces
5.3.1 MII Interfaces
Pin No.
Pin Name
I/O
Description
55
MDC
O,PD MII Serial Management Data Clock
356
MDIO
I/O
MII Serial Management Data
58,59,60,61
TXD2_3~0
O,PD Port 2 MII Transmit Data
4-bit nibble data outputs (synchronous to the TXC2)
63
TXE2
O,PD Port 2 MII Transmit Enable
64
TXC2
I/O
Port 2 MII Transmit Clock.
65
CRS2
I/O
Port 2 MII Carrier Sense
66
COL2
I/O
Port 2 MII Collision Detect.
67
RXER2
I
Port 2 MII Receive Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com