Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013 Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
DM9013
3-port switch with Processor Interface
30
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
6.45 Per Port Ingress/Egress Control Register (66H)
Bit
Name
Default
Description
7:4
INGRESS
PE0,RW
Ingress Rate Control
0000: none
0001: 64K
0010: 128K
0011: 256K
0100: 512K
0101: 1M
0110: 2M
0111: 4M
1000: 8M
1001: 16M
1010: 32M
1011: 48M
1100: 64M
1101: 72M
1110: 80M
1111: 88M
3:0
EGRESS
PE0,RW
Egress Rate Control
0000: none
0001: 64K
0010: 128K
0011: 256K
0100: 512K
0101: 1M
0110: 2M
0111: 4M
1000: 8M
1001: 16M
1010: 32M
1011: 48M
1100: 64M
1101: 72M
1110: 80M
1111: 88M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com