Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
DM9013
3-port switch with Processor Interface
22
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
6.5 RX Status Register (06H)
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
3:2
SRCP
0,RO
Source Port Number
1
CE
PH0,RO
CRC Error
It is set to indicate that the received frame ends with a CRC error
0
RESERVED
0,RO
Reserved
6.6 Receive Overflow Counter Register (07H)
Bit
Name
Default
Description
7
RXFU
PHS0,R/C
Receive Overflow Counter Overflow
This bit is set when the ROC has an overflow condition
6:0
ROC
PHS0,R/C
Receive Overflow Counter
This is a statistic counter to indicate the received packet count upon FIFO overflow
6.7 Flow Control Register (0AH)
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
FLOW_EN
PHS0,RW
RX Flow Control Enable
Enables the pause packet for high/low water threshold control
4:0
RESERVED
0,RO
Reserved
6.8 EEPROM & PHY Control Register (0BH)
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
REEP
PH0,RW
Reload EEPROM. Driver needs to clear it up after the operation completes
4
WEP
PH0,RW
Write EEPROM Enable
3
EPOS
PH0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM; when set, select PHY
2
ERPRR
PH0,RW
EEPROM Read or PHY Register Read Command. Driver needs to clear it up after
the operation completes.
1
ERPRW
PH0,RW
EEPROM Write or PHY Register Write Command. Driver needs to clear it up after
the operation completes.
0
ERRE
PH0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress
6.9 EEPROM & PHY Address Register (0CH)
Bit
Name
Default
Description
7:6
PHY_ADR
PH01,RW PHY Address bit 1 and 0; the PHY address bit [4:2] is force to 0.
5:0
EROA
PH0,RW
EEPROM Word Address or PHY Register Address
6.10 EPROM & PHY Data Register (0DH~0EH)
Bit
Name
Default
Description
7:0
EE_PHY_L
PH0,RW
EEPROM or PHY Low Byte Data (0DH)
This data is made to write low byte of word address defined in Reg. CH to
EEPROM or PHY
7:0
EE_PHY_H
PH0,RW
EEPROM or PHY High Byte Data (0EH)
This data is made to write high byte of word address defined in Reg. CH to
EEPROM or PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com