Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9013 Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9013
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013 Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9013 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9013 Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
21
DM9013-15-DS-P03
April 9, 2009
6.1 Network Control Register (00H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6
RESERVED
P0,WO
Reserved
5
CLR1
PH0,RW
0: REG. 01H auto-cleared after read
1: REG. 01H cleared by writing 1 to respected bit.
4:2
RESERVED
0,RO
Reserved
1
LBK
PH0,
RW
Loopback test Mode
0
RST
PH0,RW
Software reset and auto clear after 10us
6.2 Network Status Register (01H)
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
RESERVED
PH0,
Reserved
4
RESERVED
0,RO
Reserved
3
TX2END
PHS0,
RW/C1
TX Packet 2 Complete Status.
This bit is set after transmit completion of packet index 2
If bit 5 of NCR is set, this bit is cleared by write 1; Otherwise it can be cleared by
read or write 1.
2
TX1END
PHS0,
RW/C1
TX Packet 1 Complete status.
This bit is set after transmit completion of packet index 1
If bit 5 of NCR is set, this bit is cleared by write 1; Otherwise it can be cleared by
read or write 1.
1:0
RESERVED
0,RO
Reserved
6.3 TX Control Register (02H)
Bit
Name
Default
Description
7:4
RESERVED
0,RO
Reserved
3
CRC_DIS2
PHS0,RW CRC Appends Disable for Packet Index 2
2
RESERVED
0,RO
Reserved
1
CRC_DIS1
PHS0,RW CRC Appends Disable for Packet Index 1
0
TXREQ
PHS0,RW TX Request. Auto clears after transmit completely
6.4 RX Control Register (05H)
Bit
Name
Default
Description
7
HASHALL
PHS0,RW
Filter All address in Hash Table
6
RESERVED PHS0,RW
Reserved
5
RESERVED PHS0,RW
Reserved
4
RESERVED PHS0,RW
Reserved
3
ALL
PHS0,RW
Pass All Multicast Packets
2
RESERVED PHS0,RW
Reserved
1
PRMSC
PHS0,RW
Promiscuous Mode
0
RXEN
PHS0,RW
RX Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com