Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3012ACW Datasheet(PDF) 6 Page - UNISEM

Part # US3012ACW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3012ACW Datasheet(HTML) 6 Page - UNISEM

Back Button US3012ACW Datasheet HTML 2Page - UNISEM US3012ACW Datasheet HTML 3Page - UNISEM US3012ACW Datasheet HTML 4Page - UNISEM US3012ACW Datasheet HTML 5Page - UNISEM US3012ACW Datasheet HTML 6Page - UNISEM US3012ACW Datasheet HTML 7Page - UNISEM US3012ACW Datasheet HTML 8Page - UNISEM US3012ACW Datasheet HTML 9Page - UNISEM US3012ACW Datasheet HTML 10Page - UNISEM Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4-6
Rev. 1.0
5/6/98
US3012/3012A
TYPICAL APPLICATION
TYPICAL APPLICATION
SYNCHRONOUS OPERATION
(Dual Layout with RC5051)
Typical application of US3012/3012A in an on board DC-DC converter providing the Core supply for the Pentium II
microprocessor.
Table of components that need to be modified to make the dual layout work for US3012A* and RC5051.
Part #
R1
R2
R4
R7
R8
R9
R10
R11
C2
C5
C8
D1
RC5051
V
O
O
V
V
V
O
S
V
O
V
V
US3012A* S
V
S
O
S
O
V
O
V
V
V
O
S - Short
O - Open
V - See Unisem or Raytheon parts list for the value.
* Table also applies to the none "A" version of the part.
Note 1 : R8 can be replaced with shorting wire of #20 AWG or lower. This elliminates the expensive current
sense resistor that otherwise is needed with RC5051.
5V
12V
VID0
Power Good
3012app1-1.1
OutEn
Q2
VID1
VID2
VID3
VID4
L1
L2
C5
R2
C3
C4
C6
Q1
R3
R5
C7
R6
C11
C1
R7
C8
C2
R4
R9
R8
R12
R13
4
HDrv
LDrv
NC/Vccp
SS/Vref
CS+
Gnd
Vfb/
GndD
D3
D2
D4
D1
D0
US3012
En
PGd
CS-
V12
V5
18
12
19
5
20
9
15
10
11
14
1
3
2
16
7
13
8
6
17
NC/
GndA
NC/
GndP
Ct
R1
D1
R10
R11
C9
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com