Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3012ACW Datasheet(PDF) 9 Page - UNISEM

Part # US3012ACW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3012ACW Datasheet(HTML) 9 Page - UNISEM

Back Button US3012ACW Datasheet HTML 3Page - UNISEM US3012ACW Datasheet HTML 4Page - UNISEM US3012ACW Datasheet HTML 5Page - UNISEM US3012ACW Datasheet HTML 6Page - UNISEM US3012ACW Datasheet HTML 7Page - UNISEM US3012ACW Datasheet HTML 8Page - UNISEM US3012ACW Datasheet HTML 9Page - UNISEM US3012ACW Datasheet HTML 10Page - UNISEM US3012ACW Datasheet HTML 11Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
US3012/3012A
4-9
Rev. 1.0
5/6/98
drooping during a load current step. However if the in-
ductor is too small , the output ripple current and ripple
voltage become too large. One solution to bring the ripple
current down is to increase the switching frequency ,
however that will be at the cost of reduced efficiency and
higher system cost. The following set of formulas are
derived to achieve the optimum performance without
many design iterations.
The maximum output inductance is calculated using the
following equation :
L = ESR * C *(V inm in -Vom ax )/(2*
∆I )
Where :
Vinmin = Minimum input voltage
For Vo = 2.8 V ,
∆I = 14.2 A
L =0.006 * 9000 * ( 4.75 - 2.8) / (2 * 14.2) = 3.7 uH
Assuming that the programmed switching frequency is
set at 200 KHZ , an inductor is designed using the
Micrometals’ powder iron core material. The summary
of the design is outlined below :
The selected core material is Powder Iron , the
selected core is T50-52D from Micro Metal wounded
with 8 Turns of # 16 AWG wire, resulting in 3 uH
inductance with
≈ 3 mΩ of DC resistance.
Assuming L = 3 uH and the switching frequency ; Fsw =
200 KHZ , the inductor ripple current and the output
ripple voltage is calculated using the following set of
equations :
T = 1/Fsw
T
≡ Switching Period
D
≈ ( Vo + Vsync ) / ( Vin - Vsw + Vsync )
D
≡ Duty Cycle
Ton = D * T
Vsw
≡ High side Mosfet ON Voltage = Io * Rds
Rds
≡ Mosfet On Resistance
Toff = T - Ton
Vsync
≡ Synchronous MOSFET ON Voltage=Io * Rds
∆Ir = ( Vo + Vsync ) * Toff /L
∆Ir ≡ Inductor Ripple Current
∆Vo = ∆Ir * ESR
∆Vo ≡Output Ripple Voltage
In our example for Vo = 2.8V and 14.2 A load , Assum-
ing IRL3103 MOSFET for both switches with maximum
on resistance of 19 m
Ω, we have :
T = 1 / 200000 = 5 uSec
Vsw =Vsync= 14.2*0.019=0.27 V
D
≈ ( 2.8 + 0.27 ) / ( 5 - 0.27 + 0.27 ) = 0.61
Ton = 0.61 * 5 = 3.1 uSec
Toff = 5 - 3.1 = 1.9 uSec
∆Ir = ( 2.8 + 0.27 ) * 1.9 / 3 = 1.94 A
∆Vo = 1.94 * .006 = .011 V = 11 mV
Power Component Selection
Assuming IRL3103 MOSFETs as power components,
we will calculate the maximum power dissipation as fol-
lows:
For high side switch the maximum power dissipation
happens at maximum Vo and maximum duty cycle.
Dmax
≈ ( 2.8 + 0.27 ) / ( 4.75 - 0.27 + 0.27 ) = 0.65
Pdh = Dmax * Io^2*Rds(max)
Pdh= 0.65*14.2^2*0.029=3.8 W
Rds(max)=Maximum Rds-on of the MOSFET at 125
°C
For synch MOSFET, maximum power dissipation hap-
pens at minimum Vo and minimum duty cycle.
Dmin
≈ ( 2 + 0.27 ) / ( 5.25 - 0.27 + 0.27 ) = 0.43
Pds = (1-Dmin)*Io^2*Rds(max)
Pds=(1 - 0.43) * 14.2^2 * 0.029 = 3.33 W
Heatsink Selection
Selection of the heat sink is based on the maximum
allowable junction temperature of the MOSFETS. Since
we previously selected the maximum Rds-on at 125
°C,
then we must keep the junction below this temperature.
Selecting TO220 package gives
θjc=1.8°C/W ( From the
venders’ datasheet ) and assuming that the selected
heatsink is Black Anodized , the Heat sink to Case ther-
mal resistance is ;
θcs=0.05°C/W , the maximum heat
sink temperature is then calculated as :
Ts = Tj - Pd * (
θjc + θcs)
Ts = 125 - 3.82 * (1.8 + 0.05) = 118
°C
With the maximum heat sink temperature calculated in
the previous step, the Heat Sink to Air thermal resis-
tance (
θsa) is calculated as follows :
Assuming Ta=35
°C
∆T = Ts - Ta = 118 - 35 = 83 °C Temperature Rise
Above Ambient
θsa = ∆T/Pd
θsa = 83 / 3.82 = 22 °C/W
Next , a heat sink with lower
θsa than the one calcu-
lated in the previous step must be selected. One way to
do this is to simply look at the graphs of the “Heat Sink
Temp Rise Above the Ambient” vs. the “Power Dissipa-
tion” given in the heatsink manufacturers’ catalog and
select a heat sink that results in lower temperature rise
than the one calculated in previous step. The following
heat sinks from AAVID and Thermaloy meet this crite-
ria.
Co.
Part #
Thermalloy
6078B
AAVID
577002



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com