Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3012ACW Datasheet(PDF) 3 Page - UNISEM

Part # US3012ACW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3012ACW Datasheet(HTML) 3 Page - UNISEM

  US3012ACW Datasheet HTML 1Page - UNISEM US3012ACW Datasheet HTML 2Page - UNISEM US3012ACW Datasheet HTML 3Page - UNISEM US3012ACW Datasheet HTML 4Page - UNISEM US3012ACW Datasheet HTML 5Page - UNISEM US3012ACW Datasheet HTML 6Page - UNISEM US3012ACW Datasheet HTML 7Page - UNISEM US3012ACW Datasheet HTML 8Page - UNISEM US3012ACW Datasheet HTML 9Page - UNISEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
US3012/3012A
4-3
Rev. 1.0
5/6/98
UVLO Section
UVLO Threshold-12V
Supply ramping up
9.2
10
10.8
V
UVLO Hysterises-12V
0.3
0.4
0.5
V
UVLO Threshold-5V
Supply ramping up
4.1
4.3
4.5
V
UVLO Hysterises-5V
0.2
0.3
0.4
V
Error Comparator Section
Input bias current
2
uA
Input Offset Voltage
-2
+2
mV
Delay to Output
Vdiff=10mV
100
nS
Current Limit Section
C.S Threshold Set Current
160
200
240
uA
C.S Comp Offset Voltage
-5
+5
mV
Hiccup Duty Cycle
Css=0.1 uF
2
%
Supply Current
Operating Supply Current
CL=3000pF
V5
20
V12
14
mA
Output Drivers Section
Rise Time
CL=3000pF
70
100
nS
Fall Time
CL=3000pF
70
130
nS
Dead band Time
CL=3000pF
100
200
300
nS
Oscillator Section
Osc Frequency
Ct=150pF
190
220
250
Khz
Osc Valley
0.2
V
Osc Peak
V5
V
Output Enable Section
Pull up Resistor to V5
35
k
Ω
HI Threshold Voltage
2
V
LO Threshold Voltage
0.8
V
Note 1: Vs refers to the set point voltage given in Table 1.
D4
D3
D2
D1
D0
Vs
D4
D3
D2
D1
D0
Vs
0
1
1
1
1
1.30*
1
1
1
1
1
**
0
1
1
1
0
1.35*
1
1
1
1
0
2.1
0
1
1
0
1
1.40*
1
1
1
0
1
2.2
0
1
1
0
0
1.45*
1
1
1
0
0
2.3
0
1
0
1
1
1.50*
1
1
0
1
1
2.4
0
1
0
1
0
1.55*
1
1
0
1
0
2.5
0
1
0
0
1
1.60*
1
1
0
0
1
2.6
0
1
0
0
0
1.65*
1
1
0
0
0
2.7
0
0
1
1
1
1.70*
1
0
1
1
1
2.8
0
0
1
1
0
1.75*
1
0
1
1
0
2.9
0
0
1
0
1
1.80
1
0
1
0
1
3.0
0
0
1
0
0
1.85
1
0
1
0
0
3.1
0
0
0
1
1
1.90
1
0
0
1
1
3.2
0
0
0
1
0
1.95
1
0
0
1
0
3.3
0
0
0
0
1
2.00
1
0
0
0
1
3.4
0
0
0
0
0
2.05
1
0
0
0
0
3.5
* Output voltage is disabled for US3012A.
** Output voltage is disabled for all versions.
Table 1 - Set point voltage vs. VID codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com