Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3012ACW Datasheet(PDF) 7 Page - UNISEM

Part # US3012ACW
Description  5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM

US3012ACW Datasheet(HTML) 7 Page - UNISEM

Back Button US3012ACW Datasheet HTML 3Page - UNISEM US3012ACW Datasheet HTML 4Page - UNISEM US3012ACW Datasheet HTML 5Page - UNISEM US3012ACW Datasheet HTML 6Page - UNISEM US3012ACW Datasheet HTML 7Page - UNISEM US3012ACW Datasheet HTML 8Page - UNISEM US3012ACW Datasheet HTML 9Page - UNISEM US3012ACW Datasheet HTML 10Page - UNISEM US3012ACW Datasheet HTML 11Page - UNISEM  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
US3012/3012A
4-7
Rev. 1.0
5/6/98
US3012/3012A and RC5051 Dual Layout Parts List
Ref Desig
Description
Qty
Part #
Manuf
Q1
MOSFET
1
IRL3103
IRL3103S (Note 1)
IR
Q2
MOSFET
1
IRL3103
IRL3103S (Note 1)
IR
L1
Inductor
1
L=1 uH
L2
Inductor
1
Core:T50-18
Turns:14 AWG
L=2.5 uH R=2 mohm
Micro Metal
D1
Diode
1
open
C11
Capacitor ,Electrolytic
5
6MV1500GX ,1500uF,6.3V,
Sanyo
C3
Capacitor ,Electrolytic
2
6MV1500GX ,1500uF,6.3V,
Sanyo
C1
Capacitor ,Electrolytic
1
680uF,10V, EEUFA1A681L
Panasonic
C2
Capacitor , Ceramic
1
1 uF , SMT
C4
Capacitor , Ceramic
1
1 uF , SMT
C5
Capacitor , Ceramic
1
220 pF , SMT
C6
Capacitor , Ceramic
1
1 uF , SMT
C7
Capacitor , Ceramic
1
470 pF , SMT
C8
Capacitor , Ceramic
1
150pF , X7R , SMT
C9
Capacitor , Ceramic
1
0.01 uF , SMT
C10
Capacitor , Ceramic
1
0.01 uF , SMT
R1
Resistor
1
Short, SMT
R2
Resistor
1
2.21 k
Ω , 1% ,SMT
R3
Resistor
1
10
Ω , 5%, SMT , 1206 size
R4
Resistor
1
Short, SMT
R5
Resistor
1
10
Ω , 5%, SMT , 1206 size
R6
Resistor
1
10
Ω , 5%, SMT , 1206 size
R7
Resistor
1
open , SMT
R8
Resistor
1
short , #20 AWG wire
R9
Resistor
1
open , SMT
R10
Resistor
1
100
Ω, 1%, SMT
R11
Resistor
1
10 k
Ω , 1% ,SMT
R12
Resistor
1
100 k
Ω , 5%, SMT
R13
Resistor
1
See Raytheon Parts List , SMT
HS1
Q1 Heatsink
1
6270
Thermalloy
HS2
Q2 Heatsink
1
6270
Thermalloy
Note 1 : For the applications where it is desirable not to use the Heatsink, the IRL3103S MOSFET in the TO263
SMT package with 1
″ square of pad area using top and bottom layers of the board as a minimum is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com