Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5175BCPZ-10-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5175BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175BCPZ-10-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD5175BCPZ-10-R2 Datasheet HTML 1Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 2Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 3Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 4Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 5Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 6Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 7Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 8Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5175
Rev. 0 | Page 4 of 20
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 10
Bandwidth
−3 dB, RAW = 5 kΩ, Terminal W, see Figure 23
700
kHz
Total Harmonic Distortion
VA = 1 V rms, f = 1 kHz, RAW = 5 kΩ
−90
dB
Resistor Noise Density
RWB = 5 kΩ, TA = 25°C, f = 10 kHz
13
nV/√Hz
1 Typical specifications represent average readings at 25°C, VDD = 5 V, and VSS = 0 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from the ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions.
3 The maximum current in each code is defined by IAW = (VDD − 1)/RAW.
4 Guaranteed by design and not subject to production test.
5 See Figure 8 for more details.
6 Resistor Terminal A and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground referenced bipolar
signal adjustment.
7 Different from operating current; the supply current for the fuse program lasts approximately 55 ms.
8 Different from operating current; the supply current for the fuse read lasts approximately 500 ns.
9 PDISS is calculated from (IDD × VDD) + (ISS × VSS).
10 All dynamic characteristics use VDD = +2.5 V, VSS = −2.5 V.
INTERFACE TIMING SPECIFICATIONS
VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Limit at TMIN, TMAX
Parameter
Conditions1
Min
Max
Unit
Description
fSCL2
Standard mode
100
kHz
Serial clock frequency
Fast mode
400
kHz
Serial clock frequency
t1
Standard mode
4
μs
tHIGH, SCL high time
Fast mode
0.6
μs
tHIGH, SCL high time
t2
Standard mode
4.7
μs
tLOW, SCL low time
Fast mode
1.3
μs
tLOW, SCL low time
t3
Standard mode
250
ns
tSU;DAT, data setup time
Fast mode
100
ns
tSU;DAT, data setup time
t4
Standard mode
0
3.45
μs
tHD;DAT, data hold time
Fast mode
0
0.9
μs
tHD;DAT, data hold time
t5
Standard mode
4.7
μs
tSU;STA, set-up time for a repeated start condition
Fast mode
0.6
μs
tSU;STA, set-up time for a repeated start condition
t6
Standard mode
4
μs
tHD;STA, hold time (repeated) start condition
Fast mode
0.6
μs
tHD;STA, hold time (repeated) start condition
High speed mode
160
ns
tHD;STA, hold time (repeated) start condition
t7
Standard mode
4.7
μs
tBUF, bus free time between a stop and a start condition
Fast mode
1.3
μs
tBUF, bus free time between a stop and a start condition
t8
Standard mode
4
μs
tSU;STO, setup time for a stop condition
Fast mode
0.6
μs
tSU;STO, setup time for a stop condition
t9
Standard mode
1000
ns
tRDA, rise time of the SDA signal
Fast mode
300
ns
tRDA, rise time of the SDA signal
t10
Standard mode
300
ns
tFDA, fall time of the SDA signal
Fast mode
300
ns
tFDA, fall time of the SDA signal
t11
Standard mode
1000
ns
tRCL, rise time of the SCL signal
Fast mode
300
ns
tRCL, rise time of the SCL signal
t11A
Standard mode
1000
ns
tRCL1, rise time of the SCL signal after a repeated start condition
and after an acknowledge bit
Fast mode
300
ns
tRCL1, rise time of the SCL signal after a repeated start condition
and after an acknowledge bit
t12
Standard mode
300
ns
tFCL, fall time of the SCL signal
Fast mode
300
ns
tFCL, fall time of the SCL signal
t13
RESET pulse time
20
ns
Minimum RESET low time
tSP3
Fast mode
0
50
ns
Pulse width of the spike is suppressed
tEXEC4, 5
500
ns
Command execute time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com