Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5175BCPZ-10-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5175BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175BCPZ-10-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD5175BCPZ-10-R2 Datasheet HTML 1Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 2Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 3Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 4Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 5Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 6Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 7Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 8Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5175
Rev. 0 | Page 5 of 20
Limit at TMIN, TMAX
Parameter
Conditions1
Min
Max
Unit
Description
tRDAC_R-PERF
2
μs
RDAC register write command execute time (R-Perf mode)
tRDAC_NORMAL
600
ns
RDAC register write command execute time (normal mode)
tMEMORY_READ
6
μs
Memory readback execute time
tMEMORY_PROGRAM
350
ms
Memory program time
tRESET
600
μs
Reset 50-TP restore time
t
POWER-UP
6
2
ms
Power-on 50-TP restore time
1 Maximum bus capacitance is limited to 400 pF.
2 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate but has a negative effect on EMC behavior
of the part.
3 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
4 Refer to tRDAC_R-PERF and tRDAC_NORMAL for RDAC register write operations.
5 Refer to t
MEMORY_READ
and tMEMORY_PROGRAM for memory commands operations.
6 Maximum time after VDD − VSS is equal to 2.5 V.
Shift Register and Timing Diagrams
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Content
RESET
t7
t6
t2
t4
t11
t12
t6
t5
t10
t1
SCL
SDA
PS
S
P
t3
t8
t9
t13
Figure 3. 2-Wire I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com