Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5175BCPZ-10-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5175BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175BCPZ-10-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5175BCPZ-10-R2 Datasheet HTML 7Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 8Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 9Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 10Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 11Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 12Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 13Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 14Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5175
Rev. 0 | Page 11 of 20
TEST CIRCUITS
Figure 20 to Figure 24 define the test conditions used in the Specifications section.
VMS
IW
A
W
DUT
Figure 20. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
RWA =
VMS
IW
RW =
RWA
2
A
W
IW
DUT
VMS
CODE = 0x00
Figure 21. Wiper Resistance
VDD
IW
VMS
A
W
V+
ΔVMS%
ΔVDD%
VMS
VDD
V+ = VDD ±10%
PSRR (dB) = 20 log
PSS (%/%) =
Figure 22. Power Supply Sensitivity (PSS, PSRR)
VMS
A
W
DUT
V
1GΩ
Figure 23. Gain vs. Frequency
ICM
DUT
W
A
NC = NO CONNECT
GND
+2.75V
NC
+2.75V
–2.75V
–2.75V
GND
GND
Figure 24. Common Leakage Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com