Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5175BCPZ-10-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5175BCPZ-10-R2
Description  Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5175BCPZ-10-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5175BCPZ-10-R2 Datasheet HTML 12Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 13Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 14Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 15Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 16Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 17Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 18Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 19Page - Analog Devices AD5175BCPZ-10-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5175
Rev. 0 | Page 19 of 20
Calculate the Actual End-to-End Resistance
TERMINAL VOLTAGE OPERATING RANGE
The resistance tolerance is stored in the internal memory
during factory testing. The actual end-to-end resistance
can, therefore, be calculated (which is valuable for calibration,
tolerance matching, and precision applications).
The positive VDD and negative VSS power supplies of the AD5175
define the boundary conditions for proper 2-terminal digital
resistor operation. Supply signals present on Terminal A and
Terminal W that exceed VDD or VSS are clamped by the internal
forward-biased diodes (see Figure 30).
The resistance tolerance in percentage is stored in fixed-point
format, using a 16-bit sign magnitude binary. The sign bit(0 =
negative and 1 = positive) and the integer part is located in
Address 0x39, as shown in Table 11. Address 0x3A contains
the fractional part, as shown in Table 12.
VSS
VDD
A
W
That is, if the data readback from Address 0x39 is 0000001010
and data from Address 0x3A is 0010110000, then the end-to-end
resistance can be calculated as follows.
For Memory Location 0x39,
DB[9:8]: XX = don’t care
 
DB[7]: 0 = negative
Figure 30. Maximum Terminal Voltages Set by VDD and VSS
DB[6:0]: 0001010 = 10
The ground pin of the AD5175 is primarily used as a digital
ground reference. To minimize the digital ground bounce, join
the AD5175 ground terminal remotely to the common ground.
The digital input control signals to the AD5175 must be refe-
renced to the device ground pin (GND) and satisfy the logic
level defined in the Specifications section. An internal level
shift circuit ensures that the common-mode voltage range of
the three terminals extends from VSS to VDD, regardless of the
digital input level.
For Memory Location 0x3A,
DB[9:8]: XX = don’t care
DB[7:0]: 10110000 = 176 × 2−8 = 0.6875
Therefore, tolerance = −10.6875% and RWA (1023)= 8.931 kΩ.
EXT_CAP CAPACITOR
A 1 μF capacitor to VSS must be connected to the EXT_CAP pin
(see Figure 29) on power-up and throughout the operation of
the AD5175.
POWER-UP SEQUENCE
Because there are diodes to limit the voltage compliance at
Terminal A and Terminal W (see Figure 30), it is important to
power VDD/VSS first before applying any voltage to Terminal A
and Terminal W; otherwise, the diode is forward-biased such
that VDD/VSS are powered unintentionally. The ideal power-up
sequence is VSS, GND, VDD, digital inputs, VA, and VW. The
order of powering VA, VW, and digital inputs is not important
as long as they are powered after VDD/VSS.
AD5175
50-TP
MEMORY
BLOCK
EXT_CAP
C1
1µF
VSS
VSS
As soon as VDD is powered, the power-on preset activates,
which first sets the RDAC to midscale and then restores the
last programmed 50-TP value to the RDAC register.
Figure 29. EXT_CAP Hardware Setup
Table 12. End-to-End Resistance Tolerance Bytes
Data Byte1
Memory Map Address
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0x39
X
X
Sign
26
25
24
23
22
21
20
0x3A
X
X
2−1
2−2
2−3
2−4
2−5
2−6
2−7
2−8
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com