Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952CF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2952CF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2952CF Datasheet HTML 17Page - Linear Technology LTC2952CF Datasheet HTML 18Page - Linear Technology LTC2952CF Datasheet HTML 19Page - Linear Technology LTC2952CF Datasheet HTML 20Page - Linear Technology LTC2952CF Datasheet HTML 21Page - Linear Technology LTC2952CF Datasheet HTML 22Page - Linear Technology LTC2952CF Datasheet HTML 23Page - Linear Technology LTC2952CF Datasheet HTML 24Page - Linear Technology LTC2952CF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC2952
21
2952fa
Figure 11. Aborted Power-On Sequence
2952 F11
KILL
EN
INTERNAL
ON/OFF SIGNAL
tKILL, ON BLANKING
t7
DON'T CARE
tEN, LOCKOUT
2952 F12
KILL
EN
INTERNAL
ON/OFF SIGNAL
tKILL, ON BLANKING
t8
t9
DON'T CARE
Figure 12. KILL Initiated Shutdown
Extended Power During Turn-Off
In the shutdown process, the availability of power can be
extended by providing edges to the WDE pin during the
KILL Off Wait time. The timing diagram in Figure 13 is
similar to the power-on/power-off sequence timing diagram
(Figure 10) except for the edges on the WDE pin during the
shutdown process. At time t10, the internal ON/OFF signal
transitions low. When this happens, the DC/DC converter
providing power to the system will be shut off in 500ms
unless the WDE pin is toggled.
When the WDE pin transitions at t11, the LTC2952 resets
the 500ms KILL Off Wait timer. Before this second 500ms
wait time expires, the WDE pin transitions again (this time
from high to low) at t12, causing the 500ms timer to reset
again. Finally, the third 500ms timer which starts at t12
expires without any further extension at t13 causing the
EN pin to go low, shutting down the DC/DC converter.
APPLICATIONS INFORMATION
Figure 13. Power-On/Power-Off Sequence with Extended Shutdown/Housekeeping Wait Time
2952 F13
KILL
EN
INTERNAL
ON/OFF SIGNAL
tKILL, ON BLANKING < tKILL, OFF WAIT
WDE
t10
t11
t12
t13
DON'T CARE
DON'T CARE
EXTENDED HOUSE KEEPING TIME
tKILL, OFF WAIT
tEN, LOCKOUT
< tKILL, OFF WAIT
Aborted Power-On Sequence
The power-on sequence is aborted when the μP fails to
set the KILL pin high before the 500ms KILL On Blanking
time expires, as shown in the timing diagram in Figure 11.
When the KILL On Blanking timer expires (t7), the KILL
pin is still low indicating that the μP/system has failed to
power on successfully. When the system failed to set the
KILL pin high within the specified 500ms time window,
the LTC2952 pulls the EN pin low (thus turning off the
DC/DC converter) and as a side effect resets the internal
ON/OFF signal.
KILL Power Turn-Off During Normal Operation
Once the system has powered on and is operating nor-
mally, the system can turn off power by setting KILL low,
as shown in the timing diagram in Figure 12. At t9, KILL is
set low and this immediately causes the LTC2952 to pull
EN low, turning off the DC/DC converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com