Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952CF Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2952CF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2952CF Datasheet HTML 21Page - Linear Technology LTC2952CF Datasheet HTML 22Page - Linear Technology LTC2952CF Datasheet HTML 23Page - Linear Technology LTC2952CF Datasheet HTML 24Page - Linear Technology LTC2952CF Datasheet HTML 25Page - Linear Technology LTC2952CF Datasheet HTML 26Page - Linear Technology LTC2952CF Datasheet HTML 27Page - Linear Technology LTC2952CF Datasheet HTML 28Page - Linear Technology LTC2952CF Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LTC2952
25
2952fa
LTC2952
μP
LTC1625
RUN/SS
VOUT
VIN
PFI
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PB
EN
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R3
1.78M
*OPTIONAL
2952 TA04
R4
100k
Si7941DP
WALL ADAPTER
5V TO 30V
3.3V
Q2
Si7421DN
Q1
S1
Q3
5V TO 30V
BATTERY
R9
845k
R10
100k
R1
511k
R2
100k
R5
10k
R8
10k
R7
10k
R6
10k
CVS
0.1μF
TYPICAL APPLICATIONS
Uninterruptible Power Supply with Preferential Wall Adapter Operation and Automatic Load
Switchover to Battery with Pushbutton Control, Voltage Monitors and Watchdog
Direct PowerPath Control with Pushbutton Control, Voltage Monitors and Watchdog
LTC2952
μP
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PFI
PB
EN
S1
Q1
Q3
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R11
1k
*OPTIONAL
2952 TA05
WALL ADAPTER
5V
Si7925DN
R1
511k
R2
100k
R5
10k
R8
10k
R7
10k
R6
10k
4.2V
SINGLE
CELL
Li-Ion
BATTERY
D4
R3
845k
R4
100k
Q4
Si7925DN
Q2
CVS
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com