Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2952CF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2952CF
Description  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF Datasheet(HTML) 3 Page - Linear Technology

  LTC2952CF Datasheet HTML 1Page - Linear Technology LTC2952CF Datasheet HTML 2Page - Linear Technology LTC2952CF Datasheet HTML 3Page - Linear Technology LTC2952CF Datasheet HTML 4Page - Linear Technology LTC2952CF Datasheet HTML 5Page - Linear Technology LTC2952CF Datasheet HTML 6Page - Linear Technology LTC2952CF Datasheet HTML 7Page - Linear Technology LTC2952CF Datasheet HTML 8Page - Linear Technology LTC2952CF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC2952
3
2952fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = V2 = VS = 2.7V to 28V unless otherwise noted. (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VMAX
Operating Supply Voltage
V1, V2 or VS
l
2.7
28
V
IIN_OFF
Quiescent Supply Current Both Ideal
Diodes Switched Off
(M1 = Open, M2 = 0V)
V1 = 2.7V to 28V, V2 = 0V, VS = Open or
V2 = 2.7V to 28V, V1 = 0V, VS = Open.
Measured Current at V1 or V2.
l
24
60
μA
V1 = 2.7V to 28V, V2 = 3.5V, VS = Open.
Measured Current at V1.
l
515
μA
V1 = 2.7V to 28V, V2 = 3.5V, VS = Open.
Measured Current at V2.
l
23
50
μA
IIN_ON
Quiescent Supply Current Both Ideal
Diodes Switched On
(M1 = 0V, M2 = 0V)
V1 = VS = 2.7V to 28V, V2 = 0V or
V2 = VS = 2.7V to 28V, V1 = 0V. Measured
Combined Current at V1 and VS or V2 and VS.
l
65
170
μA
V2PREF_TH
V2 Preferential Threshold Voltage
(M1 = Open, M2 = 0V) (Note 4)
V1 = 28V, VS = Open.
l
3.3
3.8
V
ILEAK
V1, V2 and VS Inter Pin Leakage to
the Highest Supply
V1 = 28V, V2 = VS = 0V; V1 = VS = 0V,
V2 = 28V; V1 = V2 = 0V, VS = 28V
±3
μA
Ideal Diode Function
VFR
Ideal Diode PowerPath Forward
Regulation Voltage
(V1 or V2) – VS, 2.7V ≤ (V1 or V2) ≤ 28V
l
10
20
35
mV
VRTO
Ideal Diode PowerPath Fast Reverse
Turn-Off Threshold Voltage
(V1 or V2) – VS, 2.7V ≤ (V1 or V2) ≤ 28V
ΔIG ≤ –100μA/mV
l
–20
–35
–64
mV
IG(SRC)
Gate Turn-Off Current
G1 = G2 = VMAX – 1.5V
l
–2
–5
–10
μA
IG(SNK)
Gate Turn-On Current
V1 = V2 = 2.7V to 28V,
VS = (V1 or V2) – 40mV,
G1 = G2 = VMAX –1.5V.
l
2
5
10
μA
IG(FASTSRC)
Gate Fast Turn-Off Source Current
V1 = V2 = 2.7V to 28V,
VS = (V1 or V2) + 0.1V,
G1 = G2 = VMAX –1.5V.
l
–0.5
–2.5
–10
mA
IG(FASTSNK)
Gate Fast Turn-On Sink Current
V1 = V2 = 5V to 28V,
VS = (V1 or V2) – 0.1V,
G1 = G2 = VMAX – 1.5V.
l
0.3
0.7
2
mA
VG(ON)
Gate Clamp Voltage
IGX = 2μA, VX = 8V to 28V, VS = VX – 0.1V
Measure VX – VGX
l
678
V
VG(OFF)
Gate Off Voltage
IGX = –2μA, VX = 2.7V to 28V, VS = VX + 0.1V
Measure VMAX – VGX
l
0.2
0.4
V
tG(ON)
Gate Turn-On Time
VG(OFF) to VGS ≤ –3V, CGATE = 1nF (Note 5),
V1 = V2 = 12V
0.1
2.5
10
μs
tG(OFF)
Gate Turn-Off Time
VG(ON) to VGS ≥ –1.5V, CGATE = 1nF (Note 6),
V1 = V2 = 12V
0.1
2.5
10
μs
Pushbutton Pin (PB)
VPB(VOC)
PB Open-Circuit Voltage
IPB = –1μA
l
146
V
IPB
PB Input Current
VPB(VOC) < VPB ≤ 28V
0V ≤ VPB < VPB(VOC)
l
l
–1
–10
±1
–25
μA
μA
VTH_PB
PB Input Threshold Voltage
PB Falling From High to Low
l
0.65
0.77
0.8
V
VHYS_PB
PB Input Hysteresis
l
10
25
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com